Electronic Components Datasheet Search
  English  ▼

X  

SMBJ Datasheet(PDF) 7 Page - WeEn Semiconductors

Part # SMBJ
Description  600W Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

SMBJ Datasheet(HTML) 7 Page - WeEn Semiconductors

  SMBJ Datasheet HTML 1Page - WeEn Semiconductors SMBJ Datasheet HTML 2Page - WeEn Semiconductors SMBJ Datasheet HTML 3Page - WeEn Semiconductors SMBJ Datasheet HTML 4Page - WeEn Semiconductors SMBJ Datasheet HTML 5Page - WeEn Semiconductors SMBJ Datasheet HTML 6Page - WeEn Semiconductors SMBJ Datasheet HTML 7Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
WeEn Semiconductors
SMBJ series
600W Transient Voltage Suppressor
SMBJ series
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2021. All rights reserved
08 February 2021
7 / 7
Translations — A non-English (translated) version of a document is for
reference only. The English version shall prevail in case of any discrepancy
between the translated and English versions.
Trademarks
Notice: All referenced brands, product names, service names and
trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com