Electronic Components Datasheet Search
  English  ▼

X  

WB75FC65AL Datasheet(PDF) 3 Page - WeEn Semiconductors

Part # WB75FC65AL
Description  Hyperfast power diode - Bare die
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

WB75FC65AL Datasheet(HTML) 3 Page - WeEn Semiconductors

  WB75FC65AL Datasheet HTML 1Page - WeEn Semiconductors WB75FC65AL Datasheet HTML 2Page - WeEn Semiconductors WB75FC65AL Datasheet HTML 3Page - WeEn Semiconductors WB75FC65AL Datasheet HTML 4Page - WeEn Semiconductors WB75FC65AL Datasheet HTML 5Page - WeEn Semiconductors WB75FC65AL Datasheet HTML 6Page - WeEn Semiconductors WB75FC65AL Datasheet HTML 7Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WeEn Semiconductors
WB75FC65AL
Hyperfast power diode - Bare die
WB75FC65AL
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2020. All rights reserved
08 September 2020
3 / 7
6. Characteristics
Table 4. Characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF*
forward voltage
IF = 75 A; Tj = 25 °C
-
2.2
2.75
V
VF**
forward voltage
IF = 75 A; Tj = 150 °C
-
1.6
2.1
V
IR*
reverse current
VR = 650 V; Tj = 25 °C
-
-
10
μA
IR**
reverse current
VR = 650 V; Tj = 125 °C
-
-
1000
μA
Dynamic characteristics
trr**
reverse recovery time
IF = 1 A; VR = 30 V; dIF/dt = 50 A/μs;
Tj = 25 °C
-
-
50
ns
IF = 75 A; VR = 400 V; dIF/dt = 200 A/μs;
Tj = 25 °C
-
42
-
ns
IF = 75 A; VR = 400 V; dIF/dt = 200 A/μs;
Tj = 125 °C
-
106
-
ns
Notes:
(1) * mean that parameter are 100% test at Tamb = 25°C
(2) ** means that the guaranteed ratings and parameter limits will depend on the assembled structure. When correctly
assembled with suitable die bonding and wire bonding, the device will have ratings and characteristics guaranteed in this
data sheet, similar to the assembled device BYC75W-600P.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com