Electronic Components Datasheet Search
  English  ▼

X  

22LA1 Datasheet(PDF) 13 Page - M-System Co.,Ltd.

Part # 22LA1
Description  Multiplex Transmission System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LA1 Datasheet(HTML) 13 Page - M-System Co.,Ltd.

Back Button 22LA1 Datasheet HTML 9Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 10Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 11Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 12Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 13Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 14Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 15Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 16Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 17Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MODEL: 22LA1
http://www.m-system.co.jp/
22LA1 SPECIFICATIONS
ES-6554 Rev.8 Page 13/22
PHOTO MOSFET RELAY OUTPUT MODULE
(Do 8 points)
MODEL: 22LA1–3C8–[1]
ORDERING INFORMATION
• Code number: 22LA1–3C8-[1]
Specify a code from power input options for [1]
(e.g. 22LA1-3C8-K)
OUTPUT SPECIFICATIONS
Output: Photo MOSFET relay, 8 points
Commons: Per 4 points, 2 points, 2 points
Contact rating: 125 V AC/DC @ 50 mA (resistive load)
Max. ON resistance: 50 Ω
■ Starion No.: Match the number of input and output
modules
PERFORMANCE
Output time
OFF to ON: 8 msec. per 8 points
ON to OFF: 3 msec. per 8 points
TERMINAL CONNECTION (OUTPUT)
1
2
3
4
5
6
7
8
Base Socket
Do 6
Do 7
Do 8
15
1
2
COM3
11
5
4
3
6
9
12
10
Do 5
COM1
COM2
Do 4
Do 3
Do 2
Do 1
Italic figures indicate LED No. on the front panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com