Electronic Components Datasheet Search
  English  ▼

X  

22LA1 Datasheet(PDF) 18 Page - M-System Co.,Ltd.

Part # 22LA1
Description  Multiplex Transmission System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LA1 Datasheet(HTML) 18 Page - M-System Co.,Ltd.

Back Button 22LA1 Datasheet HTML 14Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 15Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 16Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 17Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 18Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 19Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 20Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 21Page - M-System Co.,Ltd. 22LA1 Datasheet HTML 22Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MODEL: 22LA1
http://www.m-system.co.jp/
22LA1 SPECIFICATIONS
ES-6554 Rev.8 Page 18/22
ANALOG OUTPUT MODULE
(Ao 8 points)
MODEL: 22LA1–3M3–[1]
ORDERING INFORMATION
• Code number: 22LA1–3M3-[1]
Specify a code from power input options for [1]
(e.g. 22LA1-3M3-K)
OUTPUT SPECIFICATIONS
Output: 1 – 5 V DC, 8 points
Operational range: 0.4 – 5.6 V DC
Commons: All negatives
Load resistance: 10 kΩ min.
■ Starion No.: Match the number of input and output
modules
PERFORMANCE in percentage of span
D/A conversion cycle: 1 sec. max. per 8 points
D/A conversion: ±0.2 %
Resolution: ≤ 0.025 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
TERMINAL CONNECTION (OUTPUT)
Base Socket
COM(–)
Ao 6
Ao 7
Ao 8
15
1
2
COM(–)
11
5
4
3
6
9
12
10
Ao 5
COM(–)
Ao 4
Ao 3
Ao 2
Ao 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com