Electronic Components Datasheet Search
  English  ▼

X  

LMV792MM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV792MM
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV792MM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMV792MM Datasheet HTML 13Page - National Semiconductor (TI) LMV792MM Datasheet HTML 14Page - National Semiconductor (TI) LMV792MM Datasheet HTML 15Page - National Semiconductor (TI) LMV792MM Datasheet HTML 16Page - National Semiconductor (TI) LMV792MM Datasheet HTML 17Page - National Semiconductor (TI) LMV792MM Datasheet HTML 18Page - National Semiconductor (TI) LMV792MM Datasheet HTML 19Page - National Semiconductor (TI) LMV792MM Datasheet HTML 20Page - National Semiconductor (TI) LMV792MM Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Application Notes (Continued)
As mentioned earlier, the following parameters are used to
design a transimpedance amplifier: the amplifier gain-
bandwidth product, A
0; the amplifier input capacitance, CCM;
the photodiode capacitance, C
D; the transimpedance gain
required, R
F; and the amplifier output swing. Once a feasible
R
F is selected using the amplifier output swing, these num-
bers can be used to design an amplifier with the desired
transimpedance gain and a maximally flat frequency re-
sponse.
An essential component for obtaining a maximally flat re-
sponse is the feedback capacitor, C
F. The capacitance seen
at the input of the amplifier, C
IN, combined with the feedback
capacitor, R
F, generate a phase lag which causes gain-
peaking and can destabilize the circuit. C
IN is usually just the
sum of C
D and CCM. The feedback capacitor CF creates a
pole, f
P in the noise gain of the circuit, which neutralizes the
zero in the noise gain, f
Z, created by the combination of RF
and C
IN. If properly positioned, the noise gain pole created
by C
F can ensure that the slope of the gain remains at 20
dB/decade till the unity gain frequency of the amplifier is
reached, thus ensuring stability. As shown in Figure 9,f
P is
positioned such that it coincides with the point where the
noise gain intersects the op amp’s open loop gain. In this
case, f
P is also the overall 3 dB frequency of the transim-
pedance amplifier. The value of C
F needed to make it so is
given by Equation (3). A larger value of C
F causes excessive
reduction of bandwidth, while a smaller value fails to prevent
gain peaking and instability.
(3)
Calculating C
F from Equation (3) can sometimes return un-
reasonably small values (<1 pF), especially for high speed
applications. In these cases, its often more practical to use
the circuit shown in Figure 10 in order to allow more reason-
able values. In this circuit, the capacitance C
F' is (1+ RB/RA)
time the effective feedback capacitance, C
F. A larger capaci-
tor can now be used in this circuit to obtain a smaller effec-
tive capacitance.
For example, if a C
F of 0.5 pF is needed, while onlya5pF
capacitor is available, R
B and RA can be selected such that
R
B/RA = 9. This would convert a CF'of5pFintoaCF of
0.5 pF. This relationship holds as long as R
A << RF.
LMV791 AS A TRANSIMPEDANCE AMPLIFIER
The LMV791 was used to design a number of amplifiers with
varying transimpedance gains and source capacitances.
The gains, bandwidths and feedback capacitances of the
circuits created are summarized in Table 1. The frequency
responses are presented in Figure 11 and Figure 12. The
feedback capacitances are slightly different from the formula
in Equation (3), since the parasitic capacitance of the board
and the feedback resistor R
F had to be accounted for.
20116869
FIGURE 8. Photodiode Transimpedance Amplifier
20116884
FIGURE 9. C
F Selection for Stability
20116871
FIGURE 10. Obtaining Small C
F from large CF'
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com