Electronic Components Datasheet Search
  English  ▼

X  

LMV792MM Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV792MM
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV792MM Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMV792MM Datasheet HTML 13Page - National Semiconductor (TI) LMV792MM Datasheet HTML 14Page - National Semiconductor (TI) LMV792MM Datasheet HTML 15Page - National Semiconductor (TI) LMV792MM Datasheet HTML 16Page - National Semiconductor (TI) LMV792MM Datasheet HTML 17Page - National Semiconductor (TI) LMV792MM Datasheet HTML 18Page - National Semiconductor (TI) LMV792MM Datasheet HTML 19Page - National Semiconductor (TI) LMV792MM Datasheet HTML 20Page - National Semiconductor (TI) LMV792MM Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Application Notes (Continued)
SENSOR INTERFACES
The low input bias current and low input referred noise of the
LMV791 and LMV792 make them ideal for sensor interfaces.
These circuits are required to sense voltages of the order of
a few µV, and currents amounting to less than a nA, and
hence the op amp needs to have low voltage noise and low
input bias current. Typical applications include infra-red (IR)
thermometry, thermocouple amplifiers and pH electrode
buffers. Figure 15 is an example of a typical circuit used for
measuring IR radiation intensity, often used for estimating
the temperature of an object from a distance. The IR sensor
generates a voltage proportional to I, which is the intensity of
the IR radiation falling on it. As shown in Figure 15,Kisthe
constant of proportionality relating the voltage across the IR
sensor (V
IN) to the radiation intensity, I. The resistances RA
and R
B are selected to provide a high gain to amplify this
voltage, while C
F is added to filter out the high frequency
noise.
20116872
FIGURE 15. IR Radiation Sensor
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com