Electronic Components Datasheet Search
  English  ▼

X  

LMV792MMX Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV792MMX
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV792MMX Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV792MMX Datasheet HTML 8Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 9Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 10Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 11Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 12Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 13Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 14Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 15Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Typical Performance Characteristics Unless otherwise specified, T
A = 25˚C, V
– =0,V+ = Supply
Voltage = 5V, V
CM =V
+/2, V
EN =V
+. (Continued)
Small Signal Transient Response, A
V = +1
Large Signal Transient Response, A
V =+1
20116833
20116834
Phase Margin vs. Capacitive Load (Stability)
Phase Margin vs. Capacitive Load (Stability)
20116845
20116846
Positive PSRR vs. Frequency
Negative PSRR vs. Frequency
20116827
20116828
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com