Electronic Components Datasheet Search
  English  ▼

X  

LMV792MMX Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV792MMX
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV792MMX Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMV792MMX Datasheet HTML 12Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 13Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 14Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 15Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 16Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 17Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 18Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 19Page - National Semiconductor (TI) LMV792MMX Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Application Notes (Continued)
AUDIO PREAMPLIFIER WITH BANDPASS FILTERING
With low input referred voltage noise, low supply voltage and
low supply current, and a low harmonic distortion, the
LMV791 family is ideal for audio applications. Its wide unity
gain bandwidth allows it to provide large gain for a wide
range of frequencies and it can be used to design a pream-
plifier to drive a load of as low as 600
Ω with less than 0.01%
distortion. Two amplifier circuits are shown in Figure 5 and
Figure 6. Figure 5 is an inverting amplifier, with a 10 k
Ω
feedback resistor, R
2,anda1k
Ω input resistor, R
1, and
hence provides a gain of −10. Figure 6 is a non-inverting
amplifier, using the same values of R
1and R2, and provides
a gain of 11. In either of these circuits, the coupling capacitor
C
C1 decides the lower frequency at which the circuit starts
providing gain, while the feedback capacitor C
F decides the
frequency at which the gain starts dropping off. Figure 7
shows the frequency response of the inverting amplifier with
different values of C
F.
TRANSIMPEDANCE AMPLIFIER
CMOS input op amps are often used in transimpedance
applications as they have an extremely high input imped-
ance. A transimpedance amplifier converts a small input
current into a voltage. This current is usually generated by a
photodiode. The transimpedance gain, measured as the
ratio of the output voltage to the input current, is expected to
be large and wide-band. Since the circuit deals with currents
in the range of a few nA, low noise performance is essential.
The LMV791/LMV792 are CMOS input op amps providing
wide bandwidth and low noise performance, and are hence
ideal for transimpedance applications.
Usually, a transimpedance amplifier is designed on the basis
of the current source driving the input. A photodiode is a very
common capacitive current source, which requires transim-
pedance gain for transforming its miniscule current into eas-
ily detectable voltages. The photodiode and amplifier’s gain
are selected with respect to the speed and accuracy re-
quired of the circuit. A faster circuit would require a photo-
diode with lesser capacitance and a faster amplifier. A more
sensitive circuit would require a sensitive photodiode and a
high gain. A typical transimpedance amplifier is shown in
Figure 8. The output voltage of the amplifier is given by the
equation V
OUT =−IINRF. Since the output swing of the am-
plifier is limited, R
F should be selected such that all possible
values of I
IN can be detected.
The LMV791/LMV792 have a large gain-bandwidth product
(17 MHz), which enables high gains at wide bandwidths. A
rail-to-rail output swing at 5.5V supply allows detection and
amplification of a wide range of input currents. A CMOS input
stage with negligible input current noise and low input volt-
age noise allows the LMV791/LMV792 to provide high fidel-
ity amplification for wide bandwidths. These properties make
the LMV791/LMV792 ideal for systems requiring wide-band
transimpedance amplification.
20116865
FIGURE 5. Inverting Audio Preamplifier
20116866
FIGURE 6. Non-inverting Audio Preamplifier
20116858
FIGURE 7. Frequency Response of the Inverting Audio
Preamplifier
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com