Electronic Components Datasheet Search
  English  ▼

X  

LTC2431CMS Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2431CMS
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2431CMS Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2431CMS Datasheet HTML 21Page - Linear Technology LTC2431CMS Datasheet HTML 22Page - Linear Technology LTC2431CMS Datasheet HTML 23Page - Linear Technology LTC2431CMS Datasheet HTML 24Page - Linear Technology LTC2431CMS Datasheet HTML 25Page - Linear Technology LTC2431CMS Datasheet HTML 26Page - Linear Technology LTC2431CMS Datasheet HTML 27Page - Linear Technology LTC2431CMS Datasheet HTML 28Page - Linear Technology LTC2431CMS Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
LTC2430/LTC2431
25
24301f
a specification can also be easily achieved by an external
clock. When relatively stable resistors (50ppm/
°C) are
used for the external source impedance seen by IN+ and
IN–, the expected drift of the dynamic current, offset and
gain errors will be insignificant (about 1% of their respec-
tive values over the entire temperature and voltage range).
Even for the most stringent applications, a one-time
calibration operation may be sufficient.
In addition to the input sampling charge, the input ESD
protection diodes have a temperature dependent leakage
current. This current, nominally 1nA (
±10nA max), results
in a small offset shift. A 100
Ω source resistance will create
a 0.1
µV typical and 1µV maximum offset voltage.
Reference Current
In a similar fashion, the LTC2430 or LTC2431 samples the
differential reference pins REF+ and REF– transfering small
amount of charge to and from the external driving circuits
thus producing a dynamic reference current. This current
does not change the converter offset, but it may degrade
the gain and INL performance. The effect of this current
can be analyzed in the same two distinct situations.
For relatively small values of the external reference capaci-
tors (CREF < 0.01µF), the voltage on the sampling capacitor
settles almost completely and relatively large values for
the source impedance result in only small errors. Such
values for CREF will deteriorate the converter offset and
gain performance without significant benefits of reference
filtering and the user is advised to avoid them.
Larger values of reference capacitors (CREF > 0.01µF)
may be required as reference filters in certain configura-
tions. Such capacitors will average the reference sam-
pling charge and the external source resistance will see a
quasi constant reference differential impedance. When
FO = LOW (internal oscillator and 60Hz notch), the typical
differential reference resistance is 15.6M
Ω which will
generate a gain error of approximately 0.032ppm for each
ohm of source resistance driving REF+ or REF–. When FO
= HIGH (internal oscillator and 50Hz notch), the typical
differential reference resistance is 18.7M
Ω which will
generate a gain error of approximately 0.027ppm for each
ohm of source resistance driving REF+ or REF –. When FO
is driven by an external oscillator with a frequency fEOSC
(external conversion clock operation), the typical differ-
ential reference resistance is 2.4 • 1012/fEOSCΩ and each
ohm of source resistance drving REF+ or REF– will result
in 0.206 • 10–6 • fEOSCppm gain error. The effect of the
source resistance on the two reference pins is additive
with respect to this gain error. The typical FS errors for
various combinations of source resistance seen by the
REF+ and REF– pins and external capacitance CREF con-
nected to these pins are shown in Figures 17 and 18.
Typical – FS errors are similar to + FS errors with opposite
polarity.
In addition to this gain error, the converter INL perfor-
mance is degraded by the reference source impedance.
When FO = LOW (internal oscillator and 60Hz notch), every
100
Ω of source resistance driving REF+ or REF– translates
APPLICATIO S I FOR ATIO
Figure 17b. – FS Error vs RSOURCE at REF+ or REF– (Small CIN)
Figure 17a. +FS Error vs RSOURCE at REF+ or REF– (Small CIN)
RSOURCE (Ω)
1
–50
–40
–30
–20
–10
0
10
10
100
1k
10k
2431 F17a
100k
VCC = 5V
VREF+ = 5V
VREF– = GND
VIN+ = 3.75V
VIN– = 1.25V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0pF
CREF = 0.001µF
CREF = 100pF
RSOURCE (Ω)
1
–10
0
10
20
30
40
50
10
100
1k
10k
2431 F17b
100k
VCC = 5V
VREF+ = 5V
VREF– = GND
VIN+ = 1.25V
VIN– = 3.75V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0pF
CREF = 0.001µF
CREF = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com