Electronic Components Datasheet Search
  English  ▼

X  

LTC2431CMS Datasheet(PDF) 37 Page - Linear Technology

Part # LTC2431CMS
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2431CMS Datasheet(HTML) 37 Page - Linear Technology

Back Button LTC2431CMS Datasheet HTML 32Page - Linear Technology LTC2431CMS Datasheet HTML 33Page - Linear Technology LTC2431CMS Datasheet HTML 34Page - Linear Technology LTC2431CMS Datasheet HTML 35Page - Linear Technology LTC2431CMS Datasheet HTML 36Page - Linear Technology LTC2431CMS Datasheet HTML 37Page - Linear Technology LTC2431CMS Datasheet HTML 38Page - Linear Technology LTC2431CMS Datasheet HTML 39Page - Linear Technology LTC2431CMS Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
LTC2430/LTC2431
37
24301f
temperature) will produce a worst-case error of –180ppm
at a noise gain of 3, such as would be encountered in an
inverting gain of 2, to produce –10V from a 5V reference.
The error associated with the 10V excitation would be
–80ppm. Hence, overall reference error could be as high
as 130ppm, the average of the two.
Figure 45 shows a similar scheme to provide excitation
using resistor arrays to produce precise gain. The circuit
is configured to provide 10V and –5V excitation to the
bridge, producing a common mode voltage at the input to
the LTC2430/LTC2431 of 2.5V, maximizing the AC input
range for applications where induced 60Hz could reach
amplitudes up to 2VRMS.
The circuits in Figures 43 and 45 could be used where
multiple bridge circuits are involved and bridge output can
be multiplexed onto a single LTC2430/LTC2431, via an
inexpensive multiplexer such as the 74HC4052.
Figure 44 shows the use of an LTC2430/LTC2431 with a
differential multiplexer. This is an inexpensive multiplexer
that will contribute some error due to leakage if used
directly with the output from the bridge, or if resistors are
inserted as a protection mechanism from overvoltage.
Although the bridge output may be within the input range
of the A/D and multiplexer in normal operation, some
thought should be given to fault conditions that could
result in full excitation voltage at the inputs to the multi-
plexer or ADC. The use of amplification prior to the
multiplexer will largely eliminate errors associated with
channel leakage developing error voltages in the source
impedance.
Complete 20-Bit Data Acquistion System in 0.1 Inch2
The LTC2430/LTC2431 provide 20-bit accuracy while
consuming a maximum of 300
µA. The MS package of the
LTC2431 makes it especially attractive in applications
where very limited space is available. A complete 20-bit
data acquisition system in 0.1 inch2 is shown in Figure 46
where the LTC2431 is powered by the LT1790 reference
family in an S6 package. A supply voltage from 0.25V
above the LT1790 output level to 20V enables the LT1790
to source up to 1mA and ensure the solid performance of
the LT2431.
The 3V, 3.3V, 4.096V and 5V versions of the LT1790 can
power the LTC2430/LTC2431 directly. Lower voltage ver-
sions will require a separate VCC supply of 2.7V to 5.5V for
the LTC2430/LTC2431.
2431 F44
REF+
REF–
IN+
IN–
A0
A1
VCC
GND
13
3
6
12
47
µF
14
1
5
10
16
5V
15
11
2
TO OTHER
DEVICES
4
9
8
5V
+
74HC4052
LTC2430/
LTC2431
Figure 44. Use a Differential Mulitplexer to Expand Channel Capability
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com