Electronic Components Datasheet Search
  English  ▼

X  

TLP599B Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP599B
Description  Telecommunication Data Acquisition Measurement Instrumentation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP599B Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP599B Datasheet HTML 1Page - Toshiba Semiconductor TLP599B Datasheet HTML 2Page - Toshiba Semiconductor TLP599B Datasheet HTML 3Page - Toshiba Semiconductor TLP599B Datasheet HTML 4Page - Toshiba Semiconductor TLP599B Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLP599B
2002-09-25
1
TOSHIBA Photocoupler Photo Relay
TLP599B
Telecommunication
Data Acquisition
Measurement Instrumentation
The TOSHIBA TLP599B consists of a gallium arsenide infrared
emitting diode optically coupled to a photo−MOS FET in a six lead
plastic DIP (DIP6).
The TLP599B is a bi-directional switch which can replace mechanical
relays in many applications.
· Peak off−state voltage: 100V (min.)
· On−state current: 200mA (max.) (A connection)
· On−state resistance: 4Ω (max.) (A connection)
· Insulation thickness: 0.4mm(max.)
· Isolation voltage: 2500Vrms (min.)
· UL recognized: UL1577, file no. E67349
· Trigger LED current (Ta = 25°C)
Trigger LED Current
(mA)
@ION = 200mA
Classification
(Note 1)
Min.
Max.
Marking Of
Classification
(IFT2)
¾
2
T2
Standard
¾
5
T2, blank
(Note 1): Application type name for certification
test, please use standard product type
name, i.e.
TLP599B (IFT2) : TLP599B
Pin Configuration (top view)
1. : Anode
2. : Cathode
3. : NC
4. : Drain D1
5. : Source
6. : Drain D2
1
3
6
4
2
5
Schematic
2
1
6
5
4
Unit in mm
TOSHIBA
11
−7A8
Weight: 0.4g


Similar Part No. - TLP599B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP599A TOSHIBA-TLP599A Datasheet
143Kb / 5P
Telecommunication Data Acquisit Measurement Instrumentation
25-Sep-2002
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
PHOTOCOUPLER PHOTO RELAY
More results

Similar Description - TLP599B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD522 AD-AD522 Datasheet
292Kb / 4P
High Accuracy Data Acquisition Instrumentation Amplifier
logo
Toshiba Semiconductor
TLP599A TOSHIBA-TLP599A Datasheet
143Kb / 5P
Telecommunication Data Acquisit Measurement Instrumentation
25-Sep-2002
TLP597A TOSHIBA-TLP597A Datasheet
134Kb / 6P
TELECOMMUNICATION DATA ACQUISITION MEASUREMENT INSTRUMENTATION
09-Aug-2000
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
PBX Telecommunication Modem® AX Cards, Modems In PC Measurement Instrumentation
18-Apr-2002
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
High Accuracy Data Acquisition Instrumentation Amplifier
REV.A
logo
Toshiba Semiconductor
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
logo
Analog Devices
AD522 AD-AD522_15 Datasheet
455Kb / 4P
HIGH ACCURACY DATA ACQUISITION INSTRUMENTATION AMPLIFIER
REV. A
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
Telecommunication Data Acquisition Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_14 Datasheet
181Kb / 5P
Telecommunication Data Acquisition Measurement Instrumentation
logo
Analog Devices
AD522 AD-AD522_17 Datasheet
483Kb / 5P
High Accuracy Data Acquisition Instrumentation Amplifier
23-Feb-2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com