Electronic Components Datasheet Search
  English  ▼

X  

TLP599B Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP599B
Description  Telecommunication Data Acquisition Measurement Instrumentation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP599B Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP599B Datasheet HTML 1Page - Toshiba Semiconductor TLP599B Datasheet HTML 2Page - Toshiba Semiconductor TLP599B Datasheet HTML 3Page - Toshiba Semiconductor TLP599B Datasheet HTML 4Page - Toshiba Semiconductor TLP599B Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TLP599B
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
¾
¾
10
µA
Capacitance
CT
V
= 0, f = 1 MHz
¾
30
¾
pF
Off
-state current
IOFF
VOFF = 100 V
¾
¾
1
µA
Capacitance
COFF
V
= 0, f = 1 MHz
¾
¾
¾
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
ION = 200 mA
¾
1
5
mA
A connection
ION = 200 mA, IF = 10 mA
¾
3.0
4
B connection
ION = 300 mA, IF = 10 mA
¾
1.5
2
On
-state
resistance
C connection
RON
ION = 400 mA, IF = 10 mA
¾
0.75
1
Ω
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
¾
0.8
¾
pF
Isolation resistance
RS
VS = 500 V, R.H.≤ 60%
5
´ 10
10
10
14
¾
Ω
AC, 1 minute
2500
¾
¾
AC, 1 second (in oil)
¾
5000
¾
Vrms
Isolation voltage
BVS
DC, 1 minute (in oil)
¾
5000
¾
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn
-on time
ton
¾
¾
2
Turn
-off time
toff
VDD = 20 V, RL = 200Ω
IF = 10 mA
¾
¾
2
ms
Switching Time Test Circuit
toff
ton
10%
90%
VOUT
IF
6
1
VDD
VOUT
RL
4
2
IF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com