Electronic Components Datasheet Search
  English  ▼

X  

6BPA Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 6BPA
Description  Field-mounted Two-wire Signal Conditioners 6B-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6BPA Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  6BPA Datasheet HTML 1Page - M-System Co.,Ltd. 6BPA Datasheet HTML 2Page - M-System Co.,Ltd. 6BPA Datasheet HTML 3Page - M-System Co.,Ltd. 6BPA Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: 6BPA
6BPA SPECIFICATIONS
ES-8888 Rev.1 Page 3/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
4–M8, 12 deep
92 (3.62)
110 (4.33)
MOUNTING BRACKET
(optional)
2–G 1/2, 1/2NPT, M20x1.5 or PG13.5
114 (4.49)
110 (4.33)
SPACE REQUIRED TO REMOVE COVER
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
LOAD
OUTPUT
24V DC
4 − 20mA DC
+
−
5
6
2
3
4
INPUT
+
−
1
One-Shot
Z
Output
Driver
S
Low Drift
Amplifier



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com