Electronic Components Datasheet Search
  English  ▼

X  

6BPA Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 6BPA
Description  Field-mounted Two-wire Signal Conditioners 6B-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6BPA Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  6BPA Datasheet HTML 1Page - M-System Co.,Ltd. 6BPA Datasheet HTML 2Page - M-System Co.,Ltd. 6BPA Datasheet HTML 3Page - M-System Co.,Ltd. 6BPA Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 6BPA
6BPA SPECIFICATIONS
ES-8888 Rev.1 Page 2/4
http://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage: Load Resistance (Ω) =
(Supply Voltage (V) – 13 (V)) ÷ 0.02 (A)
(including leadwire resistance)
10
15
20
25
28
13
0
150
300
450
600
750
SUPPLY VOLTAGE [V]
(550Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 13 – 28 V DC
Operating temperature: -5 to +70°C (23 to 158°F)
Weight:
• Unit
Approx. 1.5 kg (2.9 lb), aluminium
Approx. 4.2 kg (8.8 lb), stainless steel
• Mounting bracket assembly (option)
Approx. 0.78 kg (1.72 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.2 % (±0.5 % at spans ≤ 600 Hz)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: Approx. 4 sec. (0 – 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or output to outdoor enclosure )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com