Electronic Components Datasheet Search
  English  ▼

X  

6BSN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 6BSN
Description  Field-mounted Two-wire Signal Conditioners 6B-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6BSN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  6BSN Datasheet HTML 1Page - M-System Co.,Ltd. 6BSN Datasheet HTML 2Page - M-System Co.,Ltd. 6BSN Datasheet HTML 3Page - M-System Co.,Ltd. 6BSN Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 6BSN
6BSN SPECIFICATIONS
ES-8869 Rev.2 Page 1/4
http://www.m-system.co.jp/
Field-mounted Two-wire
Signal Conditioners 6B-UNIT
INPUT LOOP POWERED ISOLATOR
Functions & Features
• IP66 / IP67 housing enables field mounting
• Stainless steel field housing selectable
• Isolator not requiring power supply with input 4 to 20 mA
DC / 10 to 50 mA DC, output 4 to 20 mA DC
MODEL: 6BSN-0[1][2][3][4]
ORDERING INFORMATION
• Code number: 6BSN-0[1][2][3][4]
Specify a code from below for each of [1] through [4].
(e.g. 6BSN-0A0A1)
SAFETY APPROVAL
0: None
[1] INPUT
A: 4 – 20 mA DC
H: 10 – 50 mA DC
[2] WIRING CONDUIT
0: G 1/2
1: 1/2 NPT
2: M20 × 1.5
3: PG 13.5
[3] ENCLOSURE MATERIAL
A: Diecast aluminum
S: Stainless steel casting
[4] MOUNTING BRACKET
0: Without
1: With
PACKAGE INCLUDES...
• Mounting screws
Bolt (M8 x 15): 4
Spring washer for M8: 4
Material: Stainless steel 304
• Mounting bracket assembly (option):
Mounting bracket: 1
M10 U-bolt: 2
Nut for M10: 4
Spring washer for M10: 4
Material: Stainless steel 304
Applicable pipe: 1 1/2” min.; 2” max.
GENERAL SPECIFICATIONS
Degree of protection: NEMA 4X, IP66/IP67
Wiring conduit: See ‘Ordering information.’
Electrical connection: M3 screw terminals
(torque 0.6 N·m)
Materials
• Transmitter housing: Diecast aluminum
Screw terminals: Nickel-plated steel
• Enclosure: Diecast aluminum or stainless steel casting
(equivalent to type 316); silver color, epoxy resin coated
Isolation: Input to output to outdoor enclosure
Zero adjustment: -0.5 to +0.5 % (behind the access cover)
Span adjustment: 98.5 to 101.5 % (behind the access cover)
INPUT & OUTPUT
■ Input 4 – 20 mA DC / Output 4 – 20 mA DC
Equivalent input impedance: 230 Ω + load resistance with
20 mA input
Operational range: 3 – 22 mA DC
(Accuracy is assured within 4 – 22 mA)
Load resistance: 350 Ω maximum; min. 50 Ω required for
adequate operation
■ Input 10 – 50 mA DC / Output 4 – 20 mA DC
Equivalent input impedance: 90 Ω + [load resistance x 0.16]
with 50 mA input
Operational range: 7 – 55 mA DC
(Accuracy is assured within 8 – 55 mA)
Load resistance: 600 Ω maximum; min. 50 Ω required for
adequate operation
•INPUT 4 – 20mA DC / OUTPUT 4 – 20 mA DC
INPUT CURRENT [mA]
4
12
20
10.0
3.0
approx. 5.6
(load 50
Ω)
6.0
12.0
approx. 5.0
8.0
approx. 3.8
approx. 9.6
(load 250
Ω)
approx. 4.6
approx. 11.6
(load 350
Ω)


Similar Part No. - 6BSN

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
SWITCH-BASIC
logo
Honeywell Solid State E...
6BS1-B HONEYWELL-6BS1-B Datasheet
809Kb / 16P
STANDARD BASIC SWITCH CUT-A-WAY
logo
General Electric Compan...
6BS8 GEC-6BS8 Datasheet
509Kb / 5P
TWIN TRIODE FOR VKF CASCODE AMPLIFIER APPLICATIONS
More results

Similar Description - 6BSN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6BFN MSYSTEM-6BFN Datasheet
111Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BLC MSYSTEM-6BLC Datasheet
116Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BM MSYSTEM-6BM Datasheet
114Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BPA MSYSTEM-6BPA Datasheet
115Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BR MSYSTEM-6BR Datasheet
157Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS MSYSTEM-6BTS Datasheet
120Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS1 MSYSTEM-6BTS1 Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BVS MSYSTEM-6BVS Datasheet
114Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6FN MSYSTEM-6FN Datasheet
94Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PA MSYSTEM-6PA Datasheet
100Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com