Electronic Components Datasheet Search
  English  ▼

X  

6BSN Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 6BSN
Description  Field-mounted Two-wire Signal Conditioners 6B-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6BSN Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  6BSN Datasheet HTML 1Page - M-System Co.,Ltd. 6BSN Datasheet HTML 2Page - M-System Co.,Ltd. 6BSN Datasheet HTML 3Page - M-System Co.,Ltd. 6BSN Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 6BSN
6BSN SPECIFICATIONS
ES-8869 Rev.2 Page 2/4
http://www.m-system.co.jp/
•INPUT 10 – 50 mA DC / OUTPUT 4 – 20 mA DC
INPUT CURRENT [mA]
10
30
50
10.0
3.0
approx. 4.9
(load 50
Ω)
6.0
approx. 4.7
8.0
approx. 3.8
approx. 6.5
(load 250
Ω)
approx. 4.1
approx. 9.3
(load 600
Ω)
INSTALLATION
Operating temperature: -5 to +70°C (23 to 158°F)
Weight:
• Unit
Approx. 1.5 kg (2.9 lb), aluminium
Approx. 4.2 kg (8.8 lb), stainless steel
• Mounting bracket assembly (option)
Approx. 0.78 kg (1.72 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: Approx. 15 msec. (0 – 90 %)
Load effect (The unit is calibrated with 250 Ω load at the
factory.)
•4 – 20 mA input:
0.015 %/Ω (50 – 150 Ω)
0.003 %/Ω (150 – 350 Ω)
•10 – 50 mA input:
0.015 %/Ω (50 – 100 Ω)
0.003 %/Ω (100 – 600 Ω)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @1 minute
(input to output)
1500 V AC @1 minute (input or output to outdoor enclosure)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com