Electronic Components Datasheet Search
  English  ▼

X  

6DV Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 6DV
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6DV Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  6DV Datasheet HTML 1Page - M-System Co.,Ltd. 6DV Datasheet HTML 2Page - M-System Co.,Ltd. 6DV Datasheet HTML 3Page - M-System Co.,Ltd. 6DV Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: 6DV
6DV SPECIFICATIONS
ES-4221 Rev.12 Page 4/4
http://www.m-system.co.jp/
CONNECTION DIAGRAM
4 – 20mA DC
Controllor, etc.
*1
Safety Barrier
+
−
4 – 20mA DC
Controllor, etc.
4
3
2
1
ENTR / ESC
BACK / DOWN
NEXT / UP
LED Display
Internal Bridge
Power Source
Two-wire Transmitter
–
+
–
+
*1
Non-Hazardous
Location
Hazardous Location
Safety Barrier
*2
ENTR / ESC
BACK / DOWN
NEXT / UP
4
3
2
1
LED Display
Internal Bridge
Two-wire Transmitter
Power Source
–
+
*1
Safety Barrier
Non-Hazardous
Location
Hazardous Location
+
–
*3
*1. A safety barrier must be installed for the intrinsic safety.
The safety barrier must meet the Ex-data of this unit and must be approved for the hazardous location.
*2. In order to use a two-wire transmitter, etc. in the TIIS intrinsically safe circuit, the combination of the 6DV with the transmitter must
be re-evaluated and approved by the TIIS.
*3. This connection digram is not applicable for the TIIS intrinsic safety.
■ 2-WIRE CONNECTION EXAMPLE
■ 4-WIRE CONNECTION EXAMPLE
4
3
2
1
ENTR / ESC
BACK / DOWN
NEXT / UP
LED Display
Internal Bridge
Non-Hazardous
Location
Hazardous Location
–
+
–
+
*1
Safety Barrier
I/P Positioner, etc.
*2
+
−
ENTR / ESC
BACK / DOWN
NEXT / UP
4
3
2
1
LED Display
Internal Bridge
–
+
Non-Hazardous
Location
Hazardous Location
+
–
*3
I/P Positioner, etc.
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com