Electronic Components Datasheet Search
  English  ▼

X  

6DV Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 6DV
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6DV Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  6DV Datasheet HTML 1Page - M-System Co.,Ltd. 6DV Datasheet HTML 2Page - M-System Co.,Ltd. 6DV Datasheet HTML 3Page - M-System Co.,Ltd. 6DV Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 6DV
6DV SPECIFICATIONS
ES-4221 Rev.12 Page 1/4
http://www.m-system.co.jp/
Field-mounted Two-wire Signal Conditioners 6-UNIT
4-DIGIT LOOP POWERED INDICATOR
(intrinsically safe)
Functions & Features
• 4-digit LED display
• No external power source needed
• Scaling, linearization and other configurations selectable
via three front control buttons
• Mountable on top of the Two-wire Universal
Temperature Transmitter (model: 27HU)
Note: Differences between the 6DV and the 6DVI exist only
in safety parameters. Refer to the relevant section for more
information.
70 (2.76) dia.
21 (.83)
mm (inch)
MODEL: 6DV–[1]
ORDERING INFORMATION
• Code number: 6DV-[1]
Specify a code from below for [1].
(e.g. 6DV-0)
• Use Ordering Information Sheet (No. ESU-4221). Factory
standard setting will be used if not otherwise specified.
• Specify the country in which the product is to be used with
the Safety Approval code 2.
[1] SAFETY APPROVAL
0: None
1: FM intrinsically safe
2: ATEX intrinsic safety
7: TIIS intrinsic safety (CE not available)
RELATED PRODUCTS
• DIN rail mounting adaptor (model: A-34)
• Mounting spacer (model: A-6)
GENERAL SPECIFICATIONS
Connection: Euro terminal
Applicable wire size: 0.14 – 1.5 mm2 (AWG26 – 16), stripped
length 6 mm
Housing material: Flame-resistant resin (black)
Linearization: Proportional, SQRT (X1/2), RT32 (X3/2), RT52
(X5/2), user’s linearization table (max. 21 calibration points)
(Default setting: Proportional)
A/D conversion: Dual-slope integration
Security: Protecting settings
Scaling: Programming via the front buttons
DISPLAY
LED: 8 mm (.3”) 7-segment, red
Number of display digits: 4
Scaling range: -1999 to 9999 counts
Offset range: -1999 to 9999 counts
Decimal point position: 10-1, 10-2, 10-3 or none
Polarity sign: Minus (–) sign added automatically according
to the computation result
Over-range warning: All segments dark except the top ones
that blink with the input exceeding the display/measurable
range; or the bottom ones that blink with the input below
the range.
Read rate: 2.5/s
Engineering unit indication: Sticker label attached
DC, AC, W, ℃ , °F, V, mV, A, mA, %, kW, mW, kV, kA, psi, K,
bar, barg, Nℓ/min, kvar, Mvar, var, m, mm, kg, kg/h, kPa,
MPa, N·m, Nm3/h, m3/h, m3/sec, m/sec, kgf/cm2, ℓ/min, %RH,
ℓ, ℓ/h, t/h, rpm, ppm, pH, Pa
INPUT SPECIFICATIONS
■ DC Current: 4 – 20 mA DC
Measurable range: 3.75 – 23 mA DC
Maximum input current
Non-approved: 100 mA
Intrinsically safe: Refer to ‘Safety Parameters.’
Voltage drop: Approx. 3.7 V with 4 mA
Approx. 4.0 V with 20 mA (Equivalent input impedance:
Approx. 200 Ω)
The minimum required supply voltage to the 2-wire
transmitter added with the indicator’s voltage drop at the
maximum input current must be within the output voltage
range of the 2-wire transmitter’s excitation supply.
INSTALLATION
Operating temperature: -40 to +85°C (-40 to +185°F)
(See Safety Parameters for use in a hazardous
location.)
Operating humidity: 0 to 95 %RH (non-condensing)
Weight: 65 g (2.3 oz)


Similar Part No. - 6DV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6DV-0 MSYSTEM-6DV-0 Datasheet
211Kb / 4P
Field installation type converter 6-UNIT series
6DV-1 MSYSTEM-6DV-1 Datasheet
211Kb / 4P
Field installation type converter 6-UNIT series
6DV-2 MSYSTEM-6DV-2 Datasheet
211Kb / 4P
Field installation type converter 6-UNIT series
6DV-7 MSYSTEM-6DV-7 Datasheet
211Kb / 4P
Field installation type converter 6-UNIT series
6DV-B-0000 MSYSTEM-6DV-B-0000 Datasheet
223Kb / 8P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results

Similar Description - 6DV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6DVIB MSYSTEM-6DVIB Datasheet
200Kb / 8P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6FN MSYSTEM-6FN Datasheet
94Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6LC MSYSTEM-6LC Datasheet
99Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PA MSYSTEM-6PA Datasheet
100Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PT MSYSTEM-6PT Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6SN MSYSTEM-6SN Datasheet
96Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6TS MSYSTEM-6TS Datasheet
110Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6VS MSYSTEM-6VS Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
A01 MSYSTEM-A01 Datasheet
87Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com