Electronic Components Datasheet Search
  English  ▼

X  

TAB08CD Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # TAB08CD
Description  Bidirectional Ultra Low Capacitance TVS Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TAB08CD Datasheet(HTML) 1 Page - Rectron Semiconductor

  TAB08CD Datasheet HTML 1Page - Rectron Semiconductor TAB08CD Datasheet HTML 2Page - Rectron Semiconductor TAB08CD Datasheet HTML 3Page - Rectron Semiconductor TAB08CD Datasheet HTML 4Page - Rectron Semiconductor TAB08CD Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
—IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
—IEC61000-4-4 (EFT) 40A (5/50 s)
—IEC61000-4-5 (Lightning) 12A (8/20s)
—Protects one I/O line (bidirectional)
—Low clamping voltage
—Working voltages : 3V, 5V, 8V, 12V, 15V, 24V
—Low leakage current
—Response Time is < 1 ns
The TABxxCD Series are ultra low capacitance
transient voltage suppressor arrays, designed to
protect applications such as portable electronics
and SMART phones. This series is available in
both
unidirectional
and
bidirectional
configurations and is rated at 350 Watts for an
8/20s waveshape.
The TABxxCD and Series meets IEC 61000-4-2
(ESD) and IEC 61000-4-4 (EFT) requirements. At
higher operating frequencies or faster edge rates,
insertion loss and signal integrity are a major
concern.
This
series
offers
a
ultra
low
capacitance and low leakage current in a
miniature SOD-323 package.
—SOD-323 package
—Flammability Rating: UL 94V-0
—Packaging: Tape and Reel
—High temperature soldering guaranted:260 /10s
—Reel size: 7 inch
—Device:TABxxCD
—Package: SOD-323
—Material: Halogen free
—Packing: Tape & Reel
—Quantity per reel: 3,000pcs
—Cell Phone Handsets and Accessories
—Microprocessor based equipment
—Personal Digital Assistants (PDA’s)
—Notebooks, Desktops, and Servers
—Portable Instrumentation
—Peripherals
—USB Interface
Bidirectional Ultra Low Capacitance TVS Array
DESCRIPTION
MACHANICAL DATA
ORDERING INFORMATION
APPLICATIONS
PIN CONFIGURATION
PACKAGE OUTLINE
FEATURES
2019-11/01
REV:O
TABxxCD
— P/N suffix V means AEC-Q101 qualified,
e.g:TAB05CDV


Similar Part No. - TAB08CD

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TAB08L RECTRON-TAB08L Datasheet
708Kb / 6P
Unidirectional Ultra Low Capacitance TVS Array
TAB08LC RECTRON-TAB08LC Datasheet
295Kb / 6P
Bidirectional Ultra Low Capacitance TVS Array
More results

Similar Description - TAB08CD

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TAB03LC RECTRON-TAB03LC Datasheet
295Kb / 6P
Bidirectional Ultra Low Capacitance TVS Array
logo
DONGGUAN YOU FENG WEI E...
ESDC03C YFWDIODE-ESDC03C Datasheet
724Kb / 4P
Bidirectional Ultra Low Capacitance TVS Array
logo
SHIKUES Electronics
SBLC03CI SKTECHNOLGY-SBLC03CI Datasheet
688Kb / 4P
Bidirectional Ultra Low Capacitance TVS Array
logo
Diodes Incorporated
D5V0FA1B2WS DIODES-D5V0FA1B2WS Datasheet
401Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
Rev. 1 - 2 September 2022
DBLC03CI DIODES-DBLC03CI Datasheet
462Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC05CI DIODES-DBLC05CI Datasheet
459Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC08CI DIODES-DBLC08CI Datasheet
461Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC12CI DIODES-DBLC12CI Datasheet
455Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC18CI DIODES-DBLC18CI Datasheet
462Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC24CI DIODES-DBLC24CI Datasheet
454Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com