Electronic Components Datasheet Search
  English  ▼

X  

TAB08CD Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # TAB08CD
Description  Bidirectional Ultra Low Capacitance TVS Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TAB08CD Datasheet(HTML) 2 Page - Rectron Semiconductor

  TAB08CD Datasheet HTML 1Page - Rectron Semiconductor TAB08CD Datasheet HTML 2Page - Rectron Semiconductor TAB08CD Datasheet HTML 3Page - Rectron Semiconductor TAB08CD Datasheet HTML 4Page - Rectron Semiconductor TAB08CD Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±15
±8
kV
PPP
Peak Pulse Power (8/20s)
300
W
TOPT
Operating Temperature
-55/+150
qC
TSTG
Storage Temperature
-55/+150
qC
TL
Lead Soldering Temperature
260
qC
VRWM
VB
IT
VC@1A
VC
IR
CT
(V)
(V)
(mA)
(V)
(V)
(μA)
(pF)
PART
NUMBER
DEVICE
MARKING
(max.)
(min.)
(max.)
(max.)
(@A)
(max.)
(typ.)
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
ELECTRICAL CHARACTERISTICS (Tamb=25°C,unless otherwise specified)
TAB03CD
CC
3.0
4.0
1.0
7.0
13.9
8.0
2.0
0.8
TAB05CD
AC
5.0
6.0
1.0
9.8
18.3
8.0
1.0
0.8
TAB08CD
BC
8.0
8.5
1.0
13.4
18.5
8.0
1.0
0.8
TAB12CD
DC
12.0
13.3
1.0
19.0
28.6
6.0
1.0
0.8
TAB15CD
EC
15.0
16.7
1.0
24.0
31.8
5.0
1.0
0.8
TAB24CD
HC
24.0
26.7
1.0
43.0
56.0
3.0
1.0
0.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com