Electronic Components Datasheet Search
  English  ▼

X  

20VS201 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 20VS201
Description  Hybrid IC Isolation Amplifiers 20 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

20VS201 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  20VS201 Datasheet HTML 1Page - M-System Co.,Ltd. 20VS201 Datasheet HTML 2Page - M-System Co.,Ltd. 20VS201 Datasheet HTML 3Page - M-System Co.,Ltd. 20VS201 Datasheet HTML 4Page - M-System Co.,Ltd. 20VS201 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: 20VS2-01
http://www.m-system.co.jp/
20VS2-01 SPECIFICATIONS
ES-4403 Rev.1 Page 1/5
Hybrid IC Isolation Amplifiers 20 Series
ISOLATION AMPLIFIER
(3-port isolation)
Functions & Features
• Being used for printed wiring board installation
• High-linearity
• Low power consumption
• Isolating between input, output and power
• Isolation between input, output and power supply
up to 1500V AC
• Power 15V DC
Typical Applications
• Isolating the field and input or output circuit of
microprocessor to reduce noise from field
• Available for manufacturers of small-lot products to omit
the development of isolation circuit
19 (.75)
33 (1.30)
8 (.31)
mm (inch)
MODEL: 20VS2–01–U
ORDERING INFORMATION
• Code number: 20VS2-01-U
TYPE
01: 3-port isolation
INPUT RANGE -5 – +5 V DC
OUTPUT RANGE -5 – +5 V DC
POWER INPUT
DC Power
U: 15 V DC
GENERAL SPECIFICATIONS
Construction: Hybrid IC
Housing material: Epoxy resin
Isolation: Input to output to power
INPUT SPECIFICATIONS
■ DC Voltage
Input : -5 – +5 V DC
Input resistance: ≥ 1 MΩ (10 kΩ in power failure)
Overload input voltage: 30 V DC continuous
Input offset voltage: ±5 mV
Input bias current: 2 nA TYP. (@25°C)
OUTPUT SPECIFICATIONS
■ DC Voltage: -5 – +5 V DC
Load resistance: ≥ 2 kΩ
Output impedance: ≤ 1 Ω
REFERENCE VOLTAGE SOURCE
Output voltage: ±7 V DC ±5 % (when power supply is 15 V
DC)
Load current: ≤ 2 mA
INSTALLATION
Power input
•DC: Operational voltage range:
Rating ±5 %; approx. 7 mA with no load;
ripple 2 % p-p max.
Operating temperature: -10 to +70°C (14 to 158°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Soldering to the printed wiring board
Weight: 20 g (0.71 oz)
PERFORMANCE in percentage of span
Linearity: ±0.001 % TYP. @G = 1 (±0.05 % max.)
Temp. coefficient:
Offset drift 5 ppm/°C TYP. @G = 1 (20 ppm/°C max.)
span drift 10 ppm/°C TYP. @G = 1 (50 ppm/°C max.)
Frequency characteristics: Approx. 1 kHz, -3 dB
Response time: ≤ 390 μsec. (0 – 90 %)
Conversion gain: ×0.995 ±1 % max.
Line voltage effect: ±0.05 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute (input or
reference voltage source to output to power)
CMRR: ≥ 100 dB (500 V AC 50/60 Hz)


Similar Part No. - 20VS201

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
20VS202 MSYSTEM-20VS202 Datasheet
162Kb / 5P
Hybrid IC Isolation Amplifiers 20 Series
More results

Similar Description - 20VS201

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
20VS5-251 MSYSTEM-20VS5-251 Datasheet
161Kb / 4P
Hybrid IC Isolation Amplifiers 20 Series
20VS5-2 MSYSTEM-20VS5-2 Datasheet
90Kb / 3P
Hybrid IC Isolation Amplifiers 20 Series
20VS2-2 MSYSTEM-20VS2-2 Datasheet
104Kb / 2P
Hybrid IC Isolation Amplifiers 20 Series
20VS1C MSYSTEM-20VS1C Datasheet
94Kb / 3P
Hybrid IC Isolation Amplifiers 20 Series
20VS1B MSYSTEM-20VS1B Datasheet
185Kb / 4P
Hybrid IC Isolation Amplifiers 20 Series
20VF1 MSYSTEM-20VF1 Datasheet
103Kb / 2P
Hybrid IC Isolation Amplifiers 20 Series
20VS52 MSYSTEM-20VS52 Datasheet
90Kb / 3P
Hybrid IC Isolation Amplifiers 20 Series
20VS202 MSYSTEM-20VS202 Datasheet
162Kb / 5P
Hybrid IC Isolation Amplifiers 20 Series
20VS5251 MSYSTEM-20VS5251 Datasheet
161Kb / 4P
Hybrid IC Isolation Amplifiers 20 Series
20VS7205D MSYSTEM-20VS7205D Datasheet
84Kb / 2P
Hybrid IC Isolation Amplifiers 20 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com