Electronic Components Datasheet Search
  English  ▼

X  

20VS201 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 20VS201
Description  Hybrid IC Isolation Amplifiers 20 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

20VS201 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  20VS201 Datasheet HTML 1Page - M-System Co.,Ltd. 20VS201 Datasheet HTML 2Page - M-System Co.,Ltd. 20VS201 Datasheet HTML 3Page - M-System Co.,Ltd. 20VS201 Datasheet HTML 4Page - M-System Co.,Ltd. 20VS201 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: 20VS2-01
http://www.m-system.co.jp/
20VS2-01 SPECIFICATIONS
ES-4403 Rev.1 Page 2/5
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
19 (.75)
8 (.31)
15.2 (.60)
1
2
3
4
NON-INVERTING INPUT
PIN ASSIGNMENTS
(TOP VIEW)
COM (–)
INVERTING INPUT
FEEDBACK
9
10
11
12
24
23
22
21
16
15
14
13
NC
NC
POWER SUPPLY (+)
REFERENCE VOLTAGE SOURCE (–)
REFERENCE VOLTAGE SOURCE (+)
COM (–)
COM (–)
NC
NC
OUTPUT (+)
OUTPUT (–)
POWER SUPPLY (–)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
COM (–)
+7V
-7V
OUTPUT
3
FEEDBACK
4
24
11
12
23
22
21
1
9
2
14
13
15
16
10
POWER SUPPLY
REFERENCE VOLTAGE SOURCE
+
–
+
–
Output
Driver
Isolation
Amplifier
COM (–)
INPUT
NON-INVERTING INPUT
INVERTING INPUT
COM (–)
Note. The reference voltage source is common to the COM (–), terminals 2, 21 and 22.
APPLICATION EXAMPLE
4
3
14
13
23
24
Non-inverting circuit G = 1
REFERENCE VOLTAGE SOURCE
I Non-inverting amplifier circuit: Basic example of G = 1
2
1
11
12
15V DC
POWER
+
–
+
–
+
–
+
–
–
–
+
+
INPUT ±5V DC
OUTPUT ±5V DC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com