Electronic Components Datasheet Search
  English  ▼

X  

F1012 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # F1012
Description  Micro Flow Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

F1012 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  F1012 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1012 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1012 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1012 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Note:
①The measuring range within 20-2000sccm is available and regular measuring ranges such as 20,
30, 50, 100, 200, 500, 1000, 1200, 2000sccm.Customized fee will be charged for other ranges.
②sccm means standard-state cubic centimeter per minute. Standard-state: gas temperature is
0℃ and pressure is 101.325 kPa.
③The testing environment is room temperature and clear air.
④The pressure range of 0.8 MPa can be customized.
⑤The temperature compensation is for the tem. range of 0-50℃ and the compensation
performance can’t be ensured beyond the temperature range.
Calculation for Airflow
Actual flow=full scale * (sensor actual output voltage-zero output voltage) / (full scale output
voltage-zero output voltage)
For example: the sensor full scale is 1000 sccm, the sensor zero output voltage is 1V and full scale
output voltage is 5V, and the actual output is 2.5V.
So, the actual flow=1000sccm * (2.5V - 1V)/(5V- 1V) = 375sccm
Naming Rule
F1 0 1 2 - □- □- □
Cautions
1. Prohibit to use it in strong corrosive gas, toxic gas, explosive gas environment.
2. If measured gas medium contains dirt, the sensor’s lifespan will be shorten. We suggest users equip
the sensor flow inlet with 5 micrometer precise filter.
3. The sensitivity of the product will reduce or be damaged if it contacts to water.
4. The wrong connecting of power supply will damage the internal circuit.
Output voltage:A:0-5V B:1-5V C:0.5-4.5V
Product feature:0-ordinary;1-customized;2-Low power consumption
Standard gas:A-air;N-nitrogen;O-oxygen;CH4-methane......
Actual measuring range
Seri al number
Flow sensor code
Range: 0:0-20sccm;1:0-2SLM;2:0-20SLM;3:0-200SLM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com