Electronic Components Datasheet Search
  English  ▼

X  

F1012 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # F1012
Description  Micro Flow Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

F1012 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  F1012 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1012 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1012 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1012 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Fig1.Sensor Structure
F1012 Micro Flow Sensor
Profile
F1012 micro flow sensor adopts thermodynamic principle
to detect the gas flow, and it has high accuracy and good
repeatability. The built-in temperature sensor makes the
product has the function of professional temperature
compensation calibration. At the same time, the output is
linear analog voltage which is convenient to use.
Features
Latest MEMS Sensor chip technology
High accuracy, quick response, good repeatability
Detection micro flow accurately
It is calibrated completely and temperature compensated
Main Applications
Industrial process control
Air and environment protection
Portable detector
Technical Parameters Stable1.s
Model
F1012
Measuring Range
①
20, 30, 50, 100, 200, 500, 1000,
1200, 2000sccm
②
Min Typical Max
Unit
Full Scale Output
4.90
5.00
5.10
V
Zero Output
0.96
1.00
1.04
V
Output Impedance
-
200
-
Ω
Working Voltage
7.0
10.0
14.0
V
Working Current
15
25
30
mA
Accuracy
-
±1.5
±2.5
%F.S
Repeatability
-
±0.3
±0.5
%F.S
Annual Drift
③
-
±0.1
±0.5
%F.S
Pressure Loss
1200 Pa@1000sccm
Pressure range
④
-
-
200
kPa
Response Time
5
10
15
ms
Working Temp.
⑤
-25
-
65
℃
Storage Temp.
-40
-
90
℃
Pin
Function
1
Null
2
OUT
3
VCC
4
GND
5
Null
6
Null
Stable 2.Pins definition



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com