Electronic Components Datasheet Search
  English  ▼

X  

53U Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 53U
Description  Power Transducer Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

53U Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  53U Datasheet HTML 1Page - M-System Co.,Ltd. 53U Datasheet HTML 2Page - M-System Co.,Ltd. 53U Datasheet HTML 3Page - M-System Co.,Ltd. 53U Datasheet HTML 4Page - M-System Co.,Ltd. 53U Datasheet HTML 5Page - M-System Co.,Ltd. 53U Datasheet HTML 6Page - M-System Co.,Ltd. 53U Datasheet HTML 7Page - M-System Co.,Ltd. 53U Datasheet HTML 8Page - M-System Co.,Ltd. 53U Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MODEL: 53U
53U SPECIFICATIONS
ES-6485 Rev.26 Page 5/9
https://www.m-system.co.jp/
TERMINAL CONNECTIONS
For UL approved model, L and N are marked, instead of U(+) and V(-).
DO/PO
+ –
DI
+ – T1T2T3T4
V1 V2 V3 N 1S 1L 2S 2L 3S 3L
U
(+)
V
(–)
CONFIG
V1 N V2 1S 1L 2S 2L
L1
source
load
N
L2
u
v
v
u
U
V
V
U
k
l
K
L k
l
K
L
V1 N V2 1S 1L 2S 2L
L1
source
load
N
L2
k
l
K
L k
l
K
L
V1 N V2 1S 1L 2S 2L
L1
source
load
N
L2
V1 V2 V3 1S 1L
L1
source
load
L2
L3
u
v
v
u
U
V
V
U
k
l
K
L
V1 V2 V3 1S 1L
L1
source
load
L2
L3
V1 V2 V3 1S 1L 3S 3L
L1
source
load
L2
L3
u
v
v
u
U
V
V
U
k
l
K
L k
l
K
L
V1 V2 V3 1S 1L 3S 3L
L1
source
load
L2
L3
k
l
K
L k
l
K
L
V1 V2 V3 1S 1L 3S 3L
L1
source
load
L2
L3
k
l
K
L
V1 V2 V3 1S 1L
L1
source
load
L2
L3
V1 N
1S 1L
L1
source
load
N
k
l
K
L
u
v
U
V
V1 N
1S 1L
L1
source
load
N
k
l
K
L
V1 N
1S 1L
L1
source
load
N
System /
Application
Single phase /
2-wire
Three phase /
3-wire,
balanced load
Single phase /
3-wire
Terminal
1S 1L
3S 3L
L1
source
load
L2
L3
k
l
V1
u v
U V
V2
u v
U V
V3
u v
U V
N
K
L
k
l
K
L
V1
V2
V3
1S 1L
3S 3L
N
L1
source
load
L2
L3
k
l
K
L
k
l
K
L
2S 2L
k
l
K
L
V1
V2
V3
1S 1L
3S 3L
N
2S 2L
L1
source
load
L2
L3
N
N
N
2S 2L
k
l
K
L
V1 N
1S 1L
L1
source
load
L2
k
l
K
L
u
v
U
V
V1 N
1S 1L
L1
source
load
L2
L3
N
k
l
K
L
V1 N
1S 1L
L1
source
load
L2
L3
L3
N
N
System /
Application
Three phase /
4-wire,
balanced load
Three phase /
3-wire,
unbalanced load
Three phase /
4-wire,
unbalanced load
Terminal
Configurator Jack
External Interface
Input
Auxiliary Power
Supply
Note: For low voltage circuit, grounding is not required.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com