Electronic Components Datasheet Search
  English  ▼

X  

53U Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 53U
Description  Power Transducer Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

53U Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  53U Datasheet HTML 1Page - M-System Co.,Ltd. 53U Datasheet HTML 2Page - M-System Co.,Ltd. 53U Datasheet HTML 3Page - M-System Co.,Ltd. 53U Datasheet HTML 4Page - M-System Co.,Ltd. 53U Datasheet HTML 5Page - M-System Co.,Ltd. 53U Datasheet HTML 6Page - M-System Co.,Ltd. 53U Datasheet HTML 7Page - M-System Co.,Ltd. 53U Datasheet HTML 8Page - M-System Co.,Ltd. 53U Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: 53U
53U SPECIFICATIONS
ES-6485 Rev.26 Page 1/9
https://www.m-system.co.jp/
Power Transducer Series
MULTI POWER MONITOR
(4 digital displays)
Functions & Features
• Measures simultaneously several variables of a heavy-
current power system: current, voltage, active, reactive and
apparent power, active and reactive energy, power factor,
frequency, etc.
• All measured values, counter values, display mode,
setting data are stored in the non-volatile memory at the
power off
• Conversion factors, system configuration, interval times
are programmable using the front buttons
• Open collector output for alarm or energy count
Typical Applications
• Multi-functional power monitor incorporated in an electric
device: saves space, wiring works, and cost
mm (inch)
AX
IN
96
(3.78)
96 (3.78)
115
(4.53)
MODEL: 53U-1[1][2][3]-[4][5]
ORDERING INFORMATION
• Code number: 53U-1[1][2][3]-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. 53U-1211-M2/H/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
CONFIGURATION
1: Single-phase / 2-wire and 3-wire,
3-phase / 3-wire and 4-wire
[1] INPUT
1: 480 V / 1 A AC
2: 480 V / 5 A AC
[2] CONTACT INPUT
0: None
( ‘External Interface’ codes 1, 4 and 5 Not selectable.)
1: 24 V DC
(‘External Interface’ codes 2, 3, 6, 7, 8 and 9 Not selectable.)
2: 110 V DC
(‘External Interface’ codes 2, 3, 6, 7, 8 and 9 Not selectable.)
[3] EXTERNAL INTERFACE
1: Modbus, Do × 1, Di × 1
2: 4 – 20 mA DC × 4
3: 1 – 5 V DC × 4
4: 4 – 20 mA DC × 2, Do × 1, Di × 1
5: 1 – 5 V DC × 2, Do × 1, Di × 1
6: 4 – 20 mA DC × 2, Do × 2
7: 1 – 5 V DC × 2, Do × 2
8: Modbus, Do × 3
9: Do × 4
[4] AUXILIARY POWER SUPPLY
AD4: universal (Option /UL not selectable.)
100 – 240 V AC (Operational range 85 – 264 V, 47 – 66 Hz) /
110 – 240 V DC (Operational range 99 – 264 V,
ripple 10 %p-p max)
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
[5] OPTIONS (multiple selections)
Performance
blank: Standard
/H: High accuracy (voltage/current: ±0.2 %, energy: ±0.5 %)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
Moving parts and indicators are not coated.
/C01: Silicone coating (UL not available)
/C02: Polyurethane coating (UL not available)
/C03: Rubber coating (UL not available)
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-6485)


Similar Part No. - 53U

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
53UAA-B28-A15L BOURNS-53UAA-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
53UAD-B28-A15L BOURNS-53UAD-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
53UAL-B28-A15L BOURNS-53UAL-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
53UAM-B28-A15L BOURNS-53UAM-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
53UAN-B28-A15L BOURNS-53UAN-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
More results

Similar Description - 53U

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
54U MSYSTEM-54U Datasheet
476Kb / 10P
Power Transducer Series
54UC MSYSTEM-54UC Datasheet
360Kb / 8P
Power Transducer Series
54UL MSYSTEM-54UL Datasheet
353Kb / 8P
Power Transducer Series
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
L53U MSYSTEM-L53U Datasheet
341Kb / 9P
Power Transducer Series
LSMT4 MSYSTEM-LSMT4 Datasheet
229Kb / 5P
Power Transducer Series
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com