Electronic Components Datasheet Search
  English  ▼

X  

61F Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 61F
Description  Field Network Modules 61-UNIT Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

61F Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  61F Datasheet HTML 1Page - M-System Co.,Ltd. 61F Datasheet HTML 2Page - M-System Co.,Ltd. 61F Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: 61F
61F SPECIFICATIONS
ES-6635 Rev.2 Page 3/3
http://www.m-system.co.jp/
EXTERNAL VIEW
L RUN
PU-2
STATION NO.
L ERR.
L I/O
L COM
PWR
3
2
3
2
X1
X10
Euro Type Connector Terminal
for T-Link
Status Indicator LED
Power Indicator LED
Station No. Setting
Modular Jack
for Factory Calibration
EXTERNAL DIMENSIONS unit: mm (inch)
50 (1.97)
103 (4.06)
38 min.
(1.50)
12
(.47)
2–M3 SCREWS
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
−
SHIELDED
TWISTED-PAIR
To other T-Link devices
JUMPER PIN*
A/D
or
D/A
Converter
I/O Side
CPU
SERIAL
TRANSMISSION
LINE
Modular Jack
for Factory
Calibration
MODULAR
JACK
To Installation Base
CPU For T-LINK
Transmission
Station No. Setting
Rotary Switches
Indicator
LED
T1
T2
SD
RT+
RT−
TERMINATING
RESISTOR
* When the unit is located at the end of transmission line via twisted-pair cable (= no cross-wiring),
short across terminals RT+, RT- with the jumper pin (or wire) provided with the unit.
Remove the jumper pin for the one not located at the end.
Note: Use T1, T2, SD terminals for cross-wiring.
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com