Electronic Components Datasheet Search
  English  ▼

X  

61F Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 61F
Description  Field Network Modules 61-UNIT Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

61F Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  61F Datasheet HTML 1Page - M-System Co.,Ltd. 61F Datasheet HTML 2Page - M-System Co.,Ltd. 61F Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 61F
61F SPECIFICATIONS
ES-6635 Rev.2 Page 1/3
http://www.m-system.co.jp/
Field Network Modules 61-UNIT Series
ANALOG I/O MODULE
(Fuji Electric T-Link use)
Functions & Features
• Interfacing analog I/O signals from/to Mini-M or Pico-M
modules with T-LINK
• Saving power and I/O wiring inside an instrumentation
panel
mm (inch)
12
3
12
3
50
(1.97)
100
(3.94)
115 (4.53)
MODEL: 61F-[1][2]-[3][4]
ORDERING INFORMATION
• Code number: 61F-[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. 61F-161-K/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] NO. OF CHANNELS
04: 4 points
08: 8 points
16: 16 points
[2] I/O TYPE
1: Input
2: Output
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
(Specify power suffix code R (24 V DC) when the UNIT is to be
combined with the M8BS2.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Installation Base (model: M2BS2)
• Installation Base (model: M8BS2)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
T-Link: Euro type connector terminal (applicable wire
size: 0.2 to 2.5 mm2, stripped length 7 mm)
I/O: Via Installation Base (model: MxBS2)
Power input: Via Installation Base (model: MxBS2)
Housing material: Flame-resistant resin (black)
Isolation: I/O or T-Link to power
Power indicator: Green LED turns on with power supplied.
T-Link SPECIFICATIONS
Configuration: Multi-drop
Communication: Half-duplex
Baud rate: 500 kbps
Transmission media/distance:
KPEV-SB 0.75 mm2 × 1 pair, 700 m
T-KPEV-SB, 1.25 mm2 × 1 pair, 1000 m
Station No.: Rotary switch; 00 - 99
(Factory default setting: 00)
L RUN indicator: Red LED ON at normal communication
L ERR. indicator: Red LED ON/blinking at communication
abnormality
L I/O indicator: Red LED blinking at normal I/O
L COM indicator: RED LED blinking at T-Link normal
communication
■ NUMBER OF CONNECTABLE UNITS WITH T-LINK
Up to a maximum of 32 T-LINK devices can be connected in
a single T-LINK system. There is a limit of 100 words in
processor memory. Make sure that the configured word
area to be occupied does not exceed the 100-word range.
(According to the Fuji Electric MICREX-F Users Manual)
It is necessary to consider these criteria when connecting to
this device.
The below describes the number of words occupied per
device by number of modules.


Similar Part No. - 61F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
61F-GP-N OMRON-61F-GP-N Datasheet
520Kb / 15P
Floatless Level Switch (Compact, Plug-in Type)
61F-GP-N-TDL OMRON-61F-GP-N-TDL Datasheet
520Kb / 15P
Floatless Level Switch (Compact, Plug-in Type)
61F-GP-N2 OMRON-61F-GP-N2 Datasheet
634Kb / 7P
Automatic Water Supply and Drainage Control
2015.8
61F-GP-N8 OMRON-61F-GP-N8 Datasheet
399Kb / 10P
Conductive Level Controller
61F-GP-N8 OMRON-61F-GP-N8 Datasheet
520Kb / 15P
Floatless Level Switch (Compact, Plug-in Type)
More results

Similar Description - 61F

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
60C MSYSTEM-60C Datasheet
142Kb / 4P
Field Network Modules 60-UNIT Series
60D MSYSTEM-60D Datasheet
140Kb / 4P
Field Network Modules 60-UNIT Series
60F MSYSTEM-60F Datasheet
134Kb / 4P
Field Network Modules 60-UNIT Series
60M MSYSTEM-60M Datasheet
185Kb / 5P
Field Network Modules 60-UNIT Series
60S MSYSTEM-60S Datasheet
181Kb / 5P
Field Network Modules 60-UNIT Series
61A MSYSTEM-61A Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61C MSYSTEM-61C Datasheet
111Kb / 4P
Field Network Modules 61-UNIT Series
61D MSYSTEM-61D Datasheet
108Kb / 4P
Field Network Modules 61-UNIT Series
61M MSYSTEM-61M Datasheet
152Kb / 5P
Field Network Modules 61-UNIT Series
61S MSYSTEM-61S Datasheet
155Kb / 5P
Field Network Modules 61-UNIT Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com