Electronic Components Datasheet Search
  English  ▼

X  

61M Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 61M
Description  Field Network Modules 61-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

61M Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  61M Datasheet HTML 1Page - M-System Co.,Ltd. 61M Datasheet HTML 2Page - M-System Co.,Ltd. 61M Datasheet HTML 3Page - M-System Co.,Ltd. 61M Datasheet HTML 4Page - M-System Co.,Ltd. 61M Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: 61M
61M SPECIFICATIONS
ES-6631 Rev.9 Page 4/5
http://www.m-system.co.jp/
■ Diagnostic Subfunctions
CODE
NAME
00
Return Query Data
X
Loop back test
01
Restart Comm. Option
X
Reset the slave and clear all counters
02
Return Diagnostic Register
X
Contents of the diagnostic data (2 bytes)
03
Change ASCII Input Delimiter
X
Delimiter character of ASCII message
04
Force Listen Only Mode
X
Force the slave into Listen Only Mode
MODBUS I/O ASSIGNMENT
ADDRESS
TYPE
DATA TYPE
DATA
1
2
*
W
S
g
n
i
g
a
r
e
v
A
X
6
1
–
1
)
X
0
(
l
i
o
C
*
*
W
S
e
t
a
r
g
n
i
l
p
m
a
S
X
2
3
–
7
1
)
l
e
n
n
a
h
c
e
v
i
t
c
a
(
s
u
t
a
t
s
l
e
n
n
a
h
c
g
o
l
a
n
A
X
X
6
1
–
1
)
X
1
(
s
t
u
p
n
I
17 – 32
X
X
Analog status (out of range)
t
u
p
n
i
g
o
l
a
n
A
I
X
6
1
–
1
)
X
3
(
s
r
e
t
s
i
g
e
R
t
u
p
n
I
17 – 48
X
F
Analog input
Holding Registers (4X)
1 – 16
X
I
Analog output
17 – 48
X
F
Analog output
49 – 80
X
X
F
Full scale
81 – 112
X
X
F
Zero scale
■ Type
1 : Analog input
2 : Analog output
■ Data Type
F : Floating
I
: Int 0 – 10000 (0 – 100%)
*Averaging SW
1 : 4 samples
2 : 2 samples
3 : None
**Sampling rate SW
17 : 400 millisec.
18 : 240 millisec.
19 : 160 millisec.
EXTERNAL DIMENSIONS unit: mm (inch)
50 (1.97)
103 (4.06)
38 min.
(1.50)
12
(.47)
2–M3 SCREWS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com