Electronic Components Datasheet Search
  English  ▼

X  

61M Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 61M
Description  Field Network Modules 61-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

61M Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  61M Datasheet HTML 1Page - M-System Co.,Ltd. 61M Datasheet HTML 2Page - M-System Co.,Ltd. 61M Datasheet HTML 3Page - M-System Co.,Ltd. 61M Datasheet HTML 4Page - M-System Co.,Ltd. 61M Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: 61M
61M SPECIFICATIONS
ES-6631 Rev.9 Page 1/5
http://www.m-system.co.jp/
Field Network Modules 61-UNIT Series
ANALOG I/O MODULE
(Modbus; RS-485)
Functions & Features
• Interfacing analog I/O signals from/to Mini-M, Pico-M and
other signal conditioner modules with Modbus
• Saving power and I/O wiring inside an instrumentation
panel
12 3
12 3
50
(1.97)
115
(4.53)
100
(3.94)
mm (inch)
MODEL: 61M–16[1]–[2][3]
ORDERING INFORMATION
• Code number: 61M-16[1]-[2][3]
Specify a code from below for each [1] through [3].
(e.g. 61M-161-K/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
16: 16 points
[1] I/O TYPE
1: Input
2: Output
[2] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
(Specify power suffix code R (24 V DC) when the UNIT is to be
combined with the M8BS2.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Installation Base (model: M2BS2)
• Installation Base (model: M8BS2)
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.25 W)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
Modbus: Euro type connector terminal (applicable wire
size: 0.2 to 2.5 mm2, stripped length 7 mm)
I/O: Via Installation Base (model: MxBS2)
Power input: Via Installation Base (model: MxBS2)
Housing material: Flame-resistant resin (black)
Isolation: I/O to Modbus to power
Power indicator: Green LED turns on with power supplied.
MODBUS COMMUNICATION
Communication: Conforms to TIA/EIA-485-A
Transmission setting: DIP switch
Data: RTU (Binary) or ASCII
Parity: none, even or odd
Baud rate: 4800, 9600, 19.2 k, 38.4 k (bps)
Node address setting: Rotary switch; 01 – F7
(factory setting: 00)
L RUN indicator: Red LED turns on for 10 sec. when the
module receives data.
L ERR. indicator: Red LED turns on at errors in parity,
framing, overrun, CRC or LRC.
SD indicator: Red LED turns on when transmitting.
RD indicator: Red LED turns on when receiving.
Analog input: Programming Unit (model: PU-2x) or via
Modbus
Moving averaging: None, every 2 or 4 samples
Sampling rate: 400, 240, or 160 (msec.)


Similar Part No. - 61M

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
61M GRAYHILL-61M Datasheet
5Mb / 33P
Custom, Absolute
61M12-H0 GRAYHILL-61M12-H0 Datasheet
319Kb / 2P
Optically Coupled for Simulated Mechanical Rotary Switch Output
61M12-H10 GRAYHILL-61M12-H10 Datasheet
319Kb / 2P
Optically Coupled for Simulated Mechanical Rotary Switch Output
61M12-L0 GRAYHILL-61M12-L0 Datasheet
319Kb / 2P
Optically Coupled for Simulated Mechanical Rotary Switch Output
61M12-L10 GRAYHILL-61M12-L10 Datasheet
319Kb / 2P
Optically Coupled for Simulated Mechanical Rotary Switch Output
More results

Similar Description - 61M

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
60C MSYSTEM-60C Datasheet
142Kb / 4P
Field Network Modules 60-UNIT Series
60D MSYSTEM-60D Datasheet
140Kb / 4P
Field Network Modules 60-UNIT Series
60F MSYSTEM-60F Datasheet
134Kb / 4P
Field Network Modules 60-UNIT Series
60M MSYSTEM-60M Datasheet
185Kb / 5P
Field Network Modules 60-UNIT Series
60S MSYSTEM-60S Datasheet
181Kb / 5P
Field Network Modules 60-UNIT Series
61A MSYSTEM-61A Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61C MSYSTEM-61C Datasheet
111Kb / 4P
Field Network Modules 61-UNIT Series
61D MSYSTEM-61D Datasheet
108Kb / 4P
Field Network Modules 61-UNIT Series
61F MSYSTEM-61F Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61S MSYSTEM-61S Datasheet
155Kb / 5P
Field Network Modules 61-UNIT Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com