Electronic Components Datasheet Search
  English  ▼

X  

73VR2102 Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # 73VR2102
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR2102 Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button 73VR2102 Datasheet HTML 5Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 6Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 7Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 8Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 9Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 10Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 11Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 12Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 13Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MODEL: 73VR21
73VR21 SPECIFICATIONS
ES-7395 Rev.29 Page 9/18
https://www.m-system.co.jp/
EXTERNAL VIEW
■ FRONT VIEW
• 73VR21x
■ REAR VIEW
• 73VR2102, 73VR2104, 73VR2106
(2) Front Cover
(6) CF Card Access Indicator LED
(7) USB Connector
(3) CF Card Slot
(4) Eject Button
(5) Reset Button
(1) Touch Panel Screen
(13) Trigger Input Terminal
(14) Signal Input
Terminal Block
(14) Signal Input
Terminal Block
(14) Signal Input
Terminal Block
(8) Maintenance Jack
(10) LAN Port
(9) Power Indicator LED
(9) Power Indicator LED
(10) LAN Port
(11) Alarm Output Terminal
(12) Power Input Terminal
(13) Trigger Input Terminal
(11) Alarm Output Terminal
(12) Power Input Terminal
1A 1B 1C 3A 3B 3C 5A 5B 5C
2A 2B 2C 4A 4B 4C 6A 6B 6C
1A 1B 1C 3A 3B 3C 5A 5B 5C
2A 2B 2C 4A 4B 4C 6A 6B 6C
FG
ALM
+
ALM
–
U
(+)
V
(+)
TRG
+
TRG
–
7A 7B 7C 9A 9B 9C 11A11B11C
8A 8B 8C 10A10B10C12A12B12C
(8) Maintenance Jack
■ SIDE VIEW
• 73VR2108, 73VR2110, 73VR2112
• 73VR2108, 73VR2110, 73VR2112
FG
ALM
+
ALM
–
U
(+)
V
(+)
TRG
+
TRG
–
(1) Touch Panel Screen
Trend chart and other data views and setup views are
displayed.
(2) Front Cover
Access to the CF Card Slot.
(3) CF Card Slot
Insert a CF Card.
(4) Eject Button
Used to retrieve the CF Card.
(5) Reset Button
Used to restart the 73VR21x.
(6) CF Card Access Indicator LED
Red LED turns on during the CF Card is accessed.
(7) USB Connector
Connect an USB flash-memory.
(8) Maintenance Jack
Unused
(9) Power Indicator LED
LED turns on while the power is supplied.
(10) LAN Port
Connects the LAN cable (10BASE-T or 100BASE-TX)
(11) Alarm Output Terminal
(12) Power Input Terminal
(13) Trigger Input Terminal
(14) Signal Input terminal Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com