Electronic Components Datasheet Search
  English  ▼

X  

73VR2102 Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # 73VR2102
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR2102 Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button 73VR2102 Datasheet HTML 6Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 7Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 8Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 9Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 10Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 11Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 12Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 13Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 14Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MODEL: 73VR21
73VR21 SPECIFICATIONS
ES-7395 Rev.29 Page 10/18
https://www.m-system.co.jp/
CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FG terminal to ground.
Caution: FG terminal is NOT a protective conductor terminal.
FG
JACK
USB
V(–)
U(+)
RJ-45 MODULAR JACK
INPUT 8
7A
7B
7C
INPUT 7
8A
8B
8C
Analog
Input
Circuit 7
Analog
Input
Circuit 8
INPUT 10
9A
9B
9C
INPUT 9
10A
10B
10C
Analog
Input
Circuit 9
Analog
Input
Circuit 10
INPUT 12
11A
11B
11C
INPUT 11
12A
12B
12C
Analog
Input
Circuit 11
Analog
Input
Circuit 12
TRIGGER
INPUT
ALM+
ALM–
ALARM
OUTPUT
TRG+
TRG–
Isolated
Alarm Output
Isolated
Trigger Input
C
B
A
ext. wire
+
–
+
–
C
B
A
C
B
A
ext. wire
–
+
–
+
C
B
A
+
–
A
B
B
■ DC INPUT
■ T/C INPUT
• Upscale / No Burnout
■ T/C INPUT
• Downscale Burnout
■ RTD INPUT
Input Connection Examples
Note 1:
Note 2:
Note 3:
Note 4:
In order to prevent instability in measured values caused by noise entering through the I/O terminals,
grounding the signal shield to a most stable earth point in the environment is recommended.
The smaller is common mode voltage (DC and AC) between C terminals and between C and FG, the better is
measuring accuracy. Connecting between C terminals and if possible to FG will yield the best accuracy.
Resistor modules (model: REM3-250) can be connected to 1A through 12C terminals to convert current inputs
into voltage. However, it is not recommended when TC inputs are mixed because the heat developed on and
around the REM3 affects the cold junction compensation performance. We recommend that REM3 be connected
on a separate terminal board.
When the internal temperature sensors are used for CJC, temperature imbalance around the terminal block affects
greatly the CJC accuracy. In order to minimize such imbalance, do not use wires of large diameter which has large
heat dissipation. Be sure to close the terminal cover. Do not expose the module directly in the line of wind from a
cooling fan.
CJC
SENSOR
POWER
Ethernet
10BASE-T / 100BASE-TX
Micro
Computer
Control
Module
*1. Usable terminals depend upon the number of inputs.
metal leg
INPUT 2
1A
1B
1C
INPUT 1
2A
2B
2C
Analog
Input
Circuit 1
Analog
Input
Circuit 2
INPUT 4
3A
3B
3C
INPUT 3
4A
4B
4C
Analog
Input
Circuit 3
Analog
Input
Circuit 4
INPUT 6
5A
5B
5C
INPUT 5
6A
6B
6C
Analog
Input
Circuit 5
Analog
Input
Circuit 6
*1
CJC
SENSOR
metal leg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com