Electronic Components Datasheet Search
  English  ▼

X  

LR36685 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LR36685
Description  1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR36685 Datasheet(HTML) 1 Page - Sharp Corporation

  LR36685 Datasheet HTML 1Page - Sharp Corporation LR36685 Datasheet HTML 2Page - Sharp Corporation LR36685 Datasheet HTML 3Page - Sharp Corporation LR36685 Datasheet HTML 4Page - Sharp Corporation LR36685 Datasheet HTML 5Page - Sharp Corporation LR36685 Datasheet HTML 6Page - Sharp Corporation LR36685 Datasheet HTML 7Page - Sharp Corporation LR36685 Datasheet HTML 8Page - Sharp Corporation LR36685 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
DESCRIPTION
The RJ21P3AA0PT is a 1/1.8-type (8.93 mm) solid-
state image sensor that consists of PN photo-
diodes and CCDs (charge-coupled devices). With
approximately 3 370 000 pixels (2 152 horizontal x
1 567 vertical), the sensor provides a stable high-
resolution color image.
FEATURES
• Optical size : 8.93 mm (aspect ratio 4 : 3)
• Interline scan format
• Square pixel
• Number of image pixels : 2 096 (H) x 1 560 (V)
• Number of effective pixels : 2 080 (H) x 1 544 (V)
• Number of optical black pixels
– Horizontal : 2 front and 54 rear
– Vertical : 5 front and 2 rear
• Number of dummy bits
– Horizontal : 24
– Vertical : 2
• Pixel pitch : 3.45 µm (H) x 3.45 µm (V)
• R, G, and B primary color mosaic filters
• Supports monitoring mode
• Low fixed-pattern noise and lag
• No burn-in and no image distortion
• Blooming suppression structure
• Built-in output amplifier
• Built-in overflow drain voltage circuit and reset
gate voltage circuit
• Variable electronic shutter
• Package :
20-pin half-pitch DIP [Plastic]
(P-DIP020-0500)
Row space : 12.20 mm
PIN CONNECTIONS
PRECAUTIONS
• The exit pupil position of lens should be 30 to 55
mm from the top surface of the CCD.
• Refer to "PRECAUTIONS FOR CCD AREA
SENSORS" for details.
3 210 k effective pixels
2 080
8.93 mm
RJ21P3AA0PT
RJ21P3AA0PT
1/1.8-type Interline Color CCD
Area Sensor with 3 370 k Pixels
1
OD
2
GND
3
OFD
4
PW
5
ØRS
6
NC1
7
NC2
8
ØH1
9
NC3
10
ØH2
20
19
18
17
16
15
14
OS
GND
NC5
NC4
ØV1A
ØV1B
ØV2
13 ØV3A
12 ØV3B
11 ØV4
20-PIN HALF-PITCH WDIP
TOP VIEW
(P-DIP020-0500)
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
BACK


Similar Part No. - LR36685

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR36685 SHARP-LR36685 Datasheet
63Kb / 8P
Vertical Driver IC for CCD Area Sensors
LR36685 SHARP-LR36685 Datasheet
126Kb / 15P
1/2.7-type Interline Color CCD Area Sensor with 1 310 k Pixels
More results

Similar Description - LR36685

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ21N3 SHARP-LZ21N3 Datasheet
153Kb / 19P
1/2-type Interline Color CCD Area Sensor with 2 140 k Pixels
LZ21N3V SHARP-LZ21N3V Datasheet
161Kb / 18P
1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels
LZ23H3V1 SHARP-LZ23H3V1 Datasheet
155Kb / 20P
1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
1/4-type Color CCD Area Sensor with 410 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
1/4-type Color CCD Area Sensor with 470 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
1/5-type Color CCD Area Sensor with 270 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
1/5-type Color CCD Area Sensor with 320 k Pixels
RJ23N3AA0PT SHARP-RJ23N3AA0PT Datasheet
590Kb / 19P
1/2.7-type Interline Color CCD Area Sensor with 2 140 k Pixels
LZ23J3V SHARP-LZ23J3V Datasheet
126Kb / 15P
1/2.7-type Interline Color CCD Area Sensor with 1 310 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com