Electronic Components Datasheet Search
  English  ▼

X  

LR36685 Datasheet(PDF) 18 Page - Sharp Corporation

Part # LR36685
Description  1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR36685 Datasheet(HTML) 18 Page - Sharp Corporation

Back Button LR36685 Datasheet HTML 10Page - Sharp Corporation LR36685 Datasheet HTML 11Page - Sharp Corporation LR36685 Datasheet HTML 12Page - Sharp Corporation LR36685 Datasheet HTML 13Page - Sharp Corporation LR36685 Datasheet HTML 14Page - Sharp Corporation LR36685 Datasheet HTML 15Page - Sharp Corporation LR36685 Datasheet HTML 16Page - Sharp Corporation LR36685 Datasheet HTML 17Page - Sharp Corporation LR36685 Datasheet HTML 18Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
RJ21P3AA0PT
18
3) To avoid generating static electricity,
a.do not scrub the glass surface with cloth or
plastic.
b.do not attach any tape or labels.
c.do not clean the glass surface with dust-
cleaning tape.
4) When storing or transporting the device, put it in
a container of conductive material.
3. Dust and Contamination
Dust or contamination on the glass surface could
deteriorate the output characteristics or cause a
scar. In order to minimize dust or contamination on
the glass surface, take the following precautions :
1) Handle the CCD in a clean environment such
as a cleaned booth. (The cleanliness level
should be, if possible, class 1 000 at least.)
2) Do not touch the glass surface with the fingers.
If dust or contamination gets on the glass
surface, the following cleaning method is
recommended :
ø Dust from static electricity should be blown
off with an ionized air blower. For anti-
electrostatic measures, however, ground all
the leads on the device before blowing off
the dust.
ø
The contamination on the glass surface
should be wiped off with a clean applicator
soaked in isopropyl alcohol. Wipe slowly and
gently in one direction only.
– Frequently replace the applicator and do not
use the same applicator to clean more than
one device.
◊ Note : In most cases, dust and contamination
are unavoidable, even before the device
is first used. It is, therefore, recommended
that the above procedures should be
taken to wipe out dust and contamination
before using the device.
4. Other
1) Soldering should be manually performed within
5 seconds at 350°C maximum at the tip of
soldering iron.
2) Avoid using or storing the CCD at high tem-
perature or high humidity as it is a precise
optical component. Do not give a mechanical
shock to the CCD.
3)* Do not expose the device to strong light. For
the color device, long exposure to strong light
will fade the color of the color filters.
* Only for color devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com