Electronic Components Datasheet Search
  English  ▼

X  

BA8BM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # BA8BM
Description  Remote Control / Supervisory System BA8 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

BA8BM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  BA8BM Datasheet HTML 1Page - M-System Co.,Ltd. BA8BM Datasheet HTML 2Page - M-System Co.,Ltd. BA8BM Datasheet HTML 3Page - M-System Co.,Ltd. BA8BM Datasheet HTML 4Page - M-System Co.,Ltd. BA8BM Datasheet HTML 5Page - M-System Co.,Ltd. BA8BM Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: BA8BM-DAC8
BA8BM-DAC8 SPECIFICATIONS
ES-7341 Rev.3 Page 1/6
https://www.m-system.co.jp/
Remote Control / Supervisory System BA8 Series
DISCRETE INPUT & RELAY OUTPUT MODULE, 4 points each
(BACnet MS/TP)
115 (4.53)
73 (2.87)
mm (inch)
80.5 (3.17)
MODEL: BA8BM-DAC8-M2
ORDERING INFORMATION
• Code number: BA8BM-DAC8-M2
COMMUNICATION TYPE
BM: BACnet MS/TP
I/O TYPE
DAC8: 4-point dry contact inputs, 4-point relay contact outputs
POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
GENERAL SPECIFICATIONS
Connection
BACnet MS/TP: Tension clamp terminal block
I/O: Tension clamp terminal block
Power input: Tension clamp terminal block
Housing material: Flame-resistant resin (gray)
Isolation: BACnet MS/TP to contact input to contact output
to power to FE
Output Mode: Settable with side DIP switch
Simulated I/O: Settable with front DIP switch
Output: Settable with front DIP switch
Status indicator LEDs: PWR, RUN, ERR, SD, RD (Refer to the
instruction manual)
I/O status indicator LEDs: Green LED with I/O ON
BACnet COMMUNICATION
Applicable standard:
ANSI/ASHRAE Standard 135-2010
BACnet stansdard device profile:
BACnet Application Specific Controller (B-ASC)
Number of supported object: 9 max.
Supported object type:
Binary Input, Binary Output, Device, Accumulator
Supported BIBBs:
Data Sharing
Read Property-B (DS-RP-B)
Read Property Multiple-B (DS-RPM-B)
Write Property-B (DS-WP-B)
Write Property Multiple-B (DS-WPM-B)
COV-B (DS-COV-B)
Device Management
Dynamic Device Binding-B (DM-DDB-B)
Dynamic Object Binding-B (DM-DOB-B)
Device Comunication Control-B (DM-DCC-B)
Time Synchronization-B (DM-TS-B)
UTC Time Synchronization-B (DM-UTC-B)
Supported data link layer:
MS/TP master (Clause9)
Supported character code:
ISO 10646 (UTF-8)
■ BACnet MS/TP
MAC address: 00 to 7F with rotary switch
Baud rate: 9600/19.2 k/38.4 k/76.8 kbps
(with rotary switch)
Standard: Conforms to TIA/EIA-485-A
Transmission distance: 1500 meters max.
Transmission media: AWG22 (two shielded twist pair cables)
Character: 8 data bits, no parity, 1 stop bit
Terminating resistor: Built-in (ON/OFF setting with DIP
switch, factory setting: OFF)


Similar Part No. - BA8BM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA80 L-COM-BA80 Datasheet
44Kb / 1P
ADAPTER BNC F/BNC F, 50 OHM
05/02/01
BA8005 L-COM-BA8005 Datasheet
94Kb / 1P
BNC PLUG TO FME PLUG
3/28/02
BA8016 L-COM-BA8016 Datasheet
72Kb / 1P
BNC TO FME ADAPTOR
3/27/02
logo
Rohm
BA80BC0FP ROHM-BA80BC0FP Datasheet
358Kb / 6P
1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA80BC0FP ROHM-BA80BC0FP Datasheet
392Kb / 10P
1A Secondary LDO Regulators for Local Power Supplies
More results

Similar Description - BA8BM

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1863 AIC-AIC1863 Datasheet
112Kb / 8P
IR Preamplifier for Remote Control System
logo
List of Unclassifed Man...
SAF1032 ETC-SAF1032 Datasheet
614Kb / 14P
REMOTE CONTROL SYSTEM FOR INFRARED OPERATION
logo
SHANGHAI BELLING CO., L...
BL50436 BELLING-BL50436 Datasheet
56Kb / 2P
Color TV Remote Control System
logo
rfsolutions.ltd
FM-RCHN-XXXRS RFSOLUTIONS-FM-RCHN-XXXRS Datasheet
550Kb / 4P
FM REMOTE CONTROL SYSTEM
logo
List of Unclassifed Man...
HT658-S ETC2-HT658-S Datasheet
168Kb / 6P
CMOS LSI for remote control system applications
logo
rfsolutions.ltd
QUANTAFOB RFSOLUTIONS-QUANTAFOB Datasheet
2Mb / 8P
Remote Control System
logo
Maxim Integrated Produc...
MAXQ617 MAXIM-MAXQ617 Datasheet
943Kb / 29P
Infrared Remote Control System-on-Chip
Rev 0; 12/13
MAXQ616 MAXIM-MAXQ616 Datasheet
41Kb / 2P
Infrared Remote Control System-on-Chip
logo
rfsolutions.ltd
EZTEXT RFSOLUTIONS-EZTEXT Datasheet
1Mb / 9P
GSM Remote Control System
HORNET RFSOLUTIONS-HORNET_V01 Datasheet
1Mb / 7P
Remote Control System
2006/66/EC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com