| Electronic Components Datasheet Search |
|
TMS320DM6443 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6443 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 202 page ![]() www.ti.com TMS320DM6443 Digital Media System on-Chip SPRS282 – DECEMBER 2005 Table 2-18. VLYNQ Terminal Functions SIGNAL IPD/ TYPE(1) DESCRIPTION IPU(2) NAME NO. VLYNQ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is Chip EM_CS5/ Select 5 output EM_CS5 for use with asynchronous memories (i.e., NOR flash) or GPIO8/ T1 I/O/Z IPD NAND flash. VLYNQ_CLOCK For GPIO, it is GPIO pin 8 GPIO8 For VLYNQ, it is the clock (VLYNQ_CLOCK). This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is Chip EM_CS4/ Select 4 output EM_CS4 for use with asynchronous memories (i.e., NOR flash) or GPIO9/ T2 I/O/Z IPD NAND flash. VLYNQ_SCRUN For GPIO, it is GPIO9. For VLYNQ, it is the Serial Clock run request (VLYNQ_SCRUN). This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is EM_A[15]/ address bit 15 output EM_A[15]. GPIO16/ P3 I/O/Z IPD For GPIO, it is GPIO16. VLYNQ_TXD3 For VLYNQ, it is transmit bus bit 3 output VLYNQ_TXD3. This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is EM_A[17]/ address bit 17 output EM_A[17]. GPIO14/ R2 I/O/Z IPD For GPIO, it is GPIO14. VLYNQ_TXD2 For VLYNQ, it is transmit bus bit 2 output VLYNQ_TXD2. This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is EM_A[19]/ address bit 19 output EM_A[19]. GPIO12/ R4 I/O/Z IPD For GPIO, it is GPIO12. VLYNQ_TXD1 For VLYNQ, it is transmit bus bit 1 output VLYNQ_TXD1. This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is EM_A[21]/ address bit 21 output EM_A[21]. GPIO10/ T3 I/O/Z IPD For GPIO, it is GPIO10. VLYNQ_TXD0 For VLYNQ, it is bit 0 of the transmit bus (VLYNQ_TXD0). This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is EM_A[14]/ address bit 14 output EM_A[14]. GPIO17/ P4 I/O/Z IPD For GPIO, it is GPIO17. VLYNQ_RXD3 For VLYNQ, it is receive bus bit 3 input VLYNQ_RXD3. This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is EM_A[16]/ address bit 16 output EM_A[16]. GPIO15/ R5 I/O/Z IPD For GPIO, it is GPIO15. VLYNQ_RXD2 For VLYNQ, it is receive bus bit 2 input VLYNQ_RXD2. This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is EM_A[18]/ address bit 18 output EM_A[18]. GPIO13/ P5 I/O/Z IPD For GPIO, it is GPIO13. VLYNQ_RXD1 For VLYNQ, it is receive bus bit 1 input VLYNQ_RXD1. This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is EM_A[20]/ address bit 20 output EM_A[20]. GPIO11/ R3 I/O/Z IPD For GPIO, it is GPIO11. VLYNQ_RXD0 For VLYNQ, it is receive bus bit 0 input VLYNQ_RXD0. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k Ω resistor should be used.) Table 2-19. VPBE Terminal Functions SIGNAL IPD/ TYPE(1) DESCRIPTION IPU(2) NAME NO. VIDEO OUT (VPBE) HSYNC C17 I/O/Z IPD VPBE Horizontal Synch Output VSYNC C18 I/O/Z IPD VPBE Vertical Synch Output VCLK D19 I/O/Z IPD VPBE Clock Output VPBECLK C19 I/O/Z IPD VPBE Clock Input (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k Ω resistor should be used.) Device Overview 39 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |