Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6443 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6443
Description  Digital Media System on-Chip
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6443 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM6443 Datasheet HTML 3Page - Texas Instruments TMS320DM6443 Datasheet HTML 4Page - Texas Instruments TMS320DM6443 Datasheet HTML 5Page - Texas Instruments TMS320DM6443 Datasheet HTML 6Page - Texas Instruments TMS320DM6443 Datasheet HTML 7Page - Texas Instruments TMS320DM6443 Datasheet HTML 8Page - Texas Instruments TMS320DM6443 Datasheet HTML 9Page - Texas Instruments TMS320DM6443 Datasheet HTML 10Page - Texas Instruments TMS320DM6443 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 202 page
background image
www.ti.com
TMS320DM6443
Digital Media System on-Chip
SPRS282 – DECEMBER 2005
Table 2-1. Characteristics of the Processor
HARDWARE FEATURES(1)
DM6443
DDR2 Memory Controller
DDR2 (16/32-bit bus width)
Asynchronous (8/16-bit bus width)
Asynchronous EMIF (EMIFA) (speed PLL1/6)
RAM, Flash (NOR,NAND)
CF
Flash Cards (speed PLL1/6)
MMC/SD
SmartMedia/xD
64 independent channels
EDMA (speed PLL1/3)
8 QDMA channels
2 64-Bit General Purpose (each
Timers (speed PLL1/17 [Normal Mode])
configurable as 2 separate 32-bit
(speed PLL1/22 [Turbo Mode])
timers)
1 64-Bit Watch Dog
UART (speed PLL1/17 [Normal Mode])
3 (one with RTS and CTS flow
Peripherals
(speed PLL1/22 [Turbo Mode])
control)
Not all peripherals pins are
SPI (speed PLL1/6)
1 (supports 2 slave devices)
available at the same time
I2C (speed PLL1/17 [Normal Mode])
(For more detail, see the
1 (Master/Slave)
(speed PLL1/22 [Turbo Mode])
Device Configuration
section).
Audio Serial Port [ASP] (speed PLL1/6)
1
10/100 Ethernet MAC with Management Data Input/Output (speed
1
PLL1/6)
VLYNQ (speed PLL1/6)
1
General-Purpose Input/Output Port (speed PLL1/6)
Up to 71
PWM (speed PLL1/17 [Normal Mode])
3 outputs
(speed PLL1/22 [Turbo Mode])
ATA/CF (speed PLL1/6)
1 (ATA/ATAPI-5)
Resizer
Configurable Video Port (speed PLL1/6)
1 Output (VPBE)
High Speed Device
USB 2.0 (speed PLL1/6)
High Speed Host
Size (Bytes)
160KB RAM, 16KB ROM
DSP
[32KB L1 Program (L1P)/Cache (up
to 32KB), 80KB L1 Data (L1D)/Cache
On-Chip Memory
(up to 32KB), 64KB Unified Mapped
Organization
RAM/Cache (L2),
MPU
[16KB I-cache, 8KB D-cache, 16KB
RAM, 16KB ROM]
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
TBD
JTAGID register
JTAG BSDL_ID
0x0B70 002F
(address location: 0x01C4 0028)
DSP 594 MHz
CPU Frequency (Maximum)
MHz
DM6443 -594
MPU 297 MHz
DSP 1.68 ns
Cycle Time (Minimum)
ns
DM6443 -594
MPU 3.37 ns
Core (V)
1.2 V (-594)
Voltage
I/O (V)
1.8 V, 3.3 V
CLKIN frequency multiplier
PLL Options
x1 (Bypass), x22 (-594)
(27 MHz reference)
BGA Package
16 x 16 mm
357-Pin BGA (ZWT)
Process Technology
µm
0.09 µm
(1)
Speeds noted may not indicate peripheral operating speed, but rather peripheral state machine clocking speed.
Device Overview
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com