Electronic Components Datasheet Search
  English  ▼

X  

CLSD Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # CLSD
Description  CLAMP-ON CURRENT SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CLSD Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  CLSD Datasheet HTML 1Page - M-System Co.,Ltd. CLSD Datasheet HTML 2Page - M-System Co.,Ltd. CLSD Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: CLSD
CLSD SPECIFICATIONS
ES-9299 Rev.4 Page 3/3
http://www.m-system.co.jp/
■ CLSD-D
162 (6.38)
83 (3.27)
100 (3.94) dia.
k
l
approx. 300 (11.81)
25 (.99)
2.5 (.10)
2.5 (.10)
7 (.28)
VCTF 0.75 mm2 – 2C
K
L
(black)
(white)
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com