Electronic Components Datasheet Search
  English  ▼

X  

CLSD Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CLSD
Description  CLAMP-ON CURRENT SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CLSD Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CLSD Datasheet HTML 1Page - M-System Co.,Ltd. CLSD Datasheet HTML 2Page - M-System Co.,Ltd. CLSD Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: CLSD
CLSD SPECIFICATIONS
ES-9299 Rev.4 Page 1/3
http://www.m-system.co.jp/
CLAMP-ON CURRENT SENSOR
(1A output)
Functions & Features
•Easy-to-install, spring-loaded, clamp-on type current
sensor
•Over-voltage clamp element for safety in open circuit
•1 A output
MODEL: CLSD–[1]-[2]-1
ORDERING INFORMATION
• Code number: CLSD-[1]-[2]-1
Specify a code from below for each of [1] and [2].
(e.g. CLSD-A-15-1)
Special specifications are possible. Consult factory.
(Input: 100 to 2000 A, Output: 1 A or Input: 500 to 2000 A,
Output: 5 A)
[1] INTERNAL DIAMETER
A: 24 (Select 15 or 20 for Input suffix code.)
B: 36 (Select 30 or 40 for Input suffix code.)
C: 60 ( Select 80 or 100 for Input suffix code.)
D: 100 (Select 200 for Input suffix code.)
[2] INPUT
15: 150 A
20: 200 A
30: 300 A
40: 400 A
80: 800 A
100: 1000 A
200: 2000 A
OUTPUT
Current
1: 1 A
CAUTION
Before you remove the sensor module or mount it, turn off
the input signal for safety. While the line is alive, the
module’s cores, attracted to each other, may be hard to
separate.
RELATED PRODUCTS
AC current, watt, power factor transducers with 1 A input
•CT input module (model: R3-CT4)
•Multi power input module (model: R3-WT1)
•AC power input module (model: R3-WT4)
•AC current transducer (model: 14CE)
•AC current transducer (model: LTCE)
•CT transmitter (model: CT)
•CT transmitter (model: KCE)
•CT transmitter (model: M2CE)
•CT converter (model: M8CT)
•CT transmitter (model: M5CT)
•Multi power monitor (model: 53U, 54U, 54UC, 54UL)
GENERAL SPECIFICATIONS
Construction: Clamp
Housing material: Flame-resistant resin (black)
Applicable wire: Min. 0.75 mm2
Output clamp voltage: ±1.4 Vp-p
INPUT SPECIFICATIONS
Max. working voltage: 480 V AC (primary side)
Overload capacity: 120 % continuous, 4000 % for 1 minute
Operational range
CLSD-A-15: ≤ 150 A
CLSD-A-20: ≤ 200 A
CLSD-B-30: ≤ 300 A
CLSD-B-40: ≤ 400 A
CLSD-C-80: ≤ 800 A
CLSD-C-100: ≤ 1000 A
CLSD-D-200: ≤ 2000 A
INSTALLATION
Operating temperature: -20 to +60°C (-4 to +140°F)
Operating humidity: 85 % RH max. (non-condensing)
Mounting: Fix with a binding strap.
Weight
CLSD-A: 230 g (0.51 lb)
CLSD-B: 350 g (0.77 lb)
CLSD-C: 500 g (1.1 lb)
CLSD-D: 950 g (2.1 lb)
PERFORMANCE
Rated primary current / rated secondary current
CLSD-A-15: 150 A / 1 A
CLSD-A-20: 200 A / 1 A
CLSD-B-30: 300 A / 1 A
CLSD-B-40: 400 A / 1 A
CLSD-C-80: 800 A / 1 A
CLSD-C-100: 1000 A / 1 A


Similar Part No. - CLSD

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
CLS CARLOGAVAZZI-CLS Datasheet
76Kb / 1P
Safety magnetic sensors Magnetic units
01.02.2008
logo
Sumida Corporation
CLS-10 SUMIDA-CLS-10 Datasheet
36Kb / 1P
General Power Transformer
logo
GREEGOO Electric Co.,Lt...
CLS-101 GREEGOO-CLS-101 Datasheet
1Mb / 3P
CLS Limit switch
CLS-103 GREEGOO-CLS-103 Datasheet
1Mb / 3P
CLS Limit switch
CLS-111 GREEGOO-CLS-111 Datasheet
1Mb / 3P
CLS Limit switch
More results

Similar Description - CLSD

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CA250 EXTECH-CA250 Datasheet
103Kb / 1P
400A AC/DC Current Clamp-on MultiMeter Adaptor
CA310 EXTECH-CA310 Datasheet
195Kb / 2P
300A AC Current Clamp-on
logo
M-System Co.,Ltd.
CLSE MSYSTEM-CLSE Datasheet
116Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSB MSYSTEM-CLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
ESCLSE MSYSTEM-ESCLSE Datasheet
116Kb / 2P
CLAMP-ON CURRENT SENSOR
ESCLSB MSYSTEM-ESCLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
CLSA MSYSTEM-CLSA Datasheet
84Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSC MSYSTEM-CLSC Datasheet
83Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSP MSYSTEM-CLSP Datasheet
94Kb / 2P
CLAMP-ON PULSE SENSOR
logo
Pepperl+Fuchs Inc.
FB9286 PF-FB9286 Datasheet
276Kb / 1P
Clamp-on tag
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com