Electronic Components Datasheet Search
  English  ▼

X  

ADPD1080 Datasheet(PDF) 49 Page - Analog Devices

Part # ADPD1080
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1080 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADPD1080 Datasheet HTML 45Page - Analog Devices ADPD1080 Datasheet HTML 46Page - Analog Devices ADPD1080 Datasheet HTML 47Page - Analog Devices ADPD1080 Datasheet HTML 48Page - Analog Devices ADPD1080 Datasheet HTML 49Page - Analog Devices ADPD1080 Datasheet HTML 50Page - Analog Devices ADPD1080 Datasheet HTML 51Page - Analog Devices ADPD1080 Datasheet HTML 52Page - Analog Devices ADPD1080 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 49 of 74
given amount of time. Ultimately, the type of measurement
being made (ambient or pulsed LED), the photodiode capacitance,
and the CTR of the system determine the float times.
Float Mode for Ambient Light Measurements
Float mode is used for ambient light measurements where the
background light is sufficiently small. Use TIA ADC mode for
ambient light measurements of higher intensities. Small amounts
of light can be measured with adequate float times, allowing the
incoming charge to accumulate to levels large enough to be
measured above the noise floor of the system. The source of
this light can be any combination of synchronous light (for
example, from a pulsed LED) and asynchronous light (that is,
background). If there is no system generated light source, the
measurement is simply a measure of the background light.
Use a two pulse differential measurement technique to cancel
out electrical drifts and offsets. Take two measurements, each
of a different float time. The first float time is considerably
shorter than the second pulse. After the two measurements are
taken, Measurement 1 is subtracted from Measurement 2,
which effectively cancels out any offset and drift common to
both measurements. What is left is an ambient light
measurement based on an amount of charge that is integrated
over a time that is the difference of the first and second float
times. For example, if Float Time 1 is 6 µs and Float Time 2 is
26 µs, the ambient light measurement is based on 20 µs of
charge integrated on the photodiode capacitance with any
offset and drift removed. In float mode for ambient light, the
number of pulses must be set to two to cancel drifts and offsets
because only the first pulse can be short. More than two pulses
can be used; however, pulses two through n are always the same
length. If drift cancellation is not required, any number of
pulses can be used and added together. Figure 54 shows an
example of float ambient mode timing, and Table 31 details the
relevant registers that must be configured.
REGISTER 0x59, BITS[12:8]/
REGISTER 0x5E, BITS[12:8]
PRECONDITION TIME
(FLT_RPRECON_x)
REGISTER 0x30, BITS[12:8]/
REGISTER 0x35, BITS[12:8]
CHARGE DUMP TIME
(SLOTx_LED_WIDTH)
REGISTER 0x31, BITS[7:0]/
REGISTER 0x36, BITS[7:0]
FLOAT 2 TIME (SLOTx_PERIOD)
REGISTER 0x39, BITS[15:11]/
REGISTER 0x3B, BITS[15:11]
INTEGRATION TIME (SLOTx_AFE_WIDTH)
REGISTER 0x30 BITS[7:0]/REGISTER 0x35, BITS[7:0]
TIME TO FIRST CHARGE DUMP
(SLOTx_LED OFFSET)
CONNECT/FLOAT
FLOAT 1 TIME
INTEGRATOR SEQUENCE
ACCUMULATED
CHARGE ON PD
Figure 54. Example of Float Ambient Mode Timing
Table 31. Float Ambient Mode Registers
Register
Group
Register Name
Time Slot A
Time Slot B
Float Mode Description
Float Mode
Operation
SLOTx_LED_SEL
0x14, Bits[1:0]
0x14, Bits[3:2]
Set to 0 to enable float mode.
FLT_EN_x
0x5E, Bits[14:13]
0x59, Bits[14:13]
Set to 3 to enable float between connect pulses.
FLT_MATH12_x
0x58, Bits[2:1]
0x58, Bits[6:5]
Set to 2 to subtract first pulse and add second pulse.
SLOTx_AFE_CFG
0x43, Bits[15:0]
0x45, Bits[15:0]
Set to 0xAE65 for TIA and integrator, bypass BPF.
SLOTx_TIA_VREF
0x42, Bits[5:4]
0x44, Bits[5:4]
Set to 2 for TIA_VREF = 0.9 V.
SLOTx_V_CATHODE
0x54, Bits[9:8]
0x54, Bits[11:10]
Set to 2 for 250 mV reverse bias on the photodiode at
the precondition.
REG54_VCAT_ENABLE
0x54, Bit 7
0x54, Bit 7
Set to 1 to override Register 0x3C cathode voltage
settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com