Electronic Components Datasheet Search
  English  ▼

X  

ADPD1080 Datasheet(PDF) 52 Page - Analog Devices

Part # ADPD1080
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1080 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADPD1080 Datasheet HTML 48Page - Analog Devices ADPD1080 Datasheet HTML 49Page - Analog Devices ADPD1080 Datasheet HTML 50Page - Analog Devices ADPD1080 Datasheet HTML 51Page - Analog Devices ADPD1080 Datasheet HTML 52Page - Analog Devices ADPD1080 Datasheet HTML 53Page - Analog Devices ADPD1080 Datasheet HTML 54Page - Analog Devices ADPD1080 Datasheet HTML 55Page - Analog Devices ADPD1080 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 52 of 74
phase of the integration during the dumping of the charge from
the photodiode causes the integrator to increase with the
negative going output signal from the TIA.
The LED flashes in the second and third pulses of the four pulse
sequence. Setting Register 0x58, Bits[6:5] = 2 and Register 0x58,
Bits[11:10] = 1 forces the device to add the second and third
pulses while subtracting the first and fourth pulses, effectively
cancelling out the ambient light and electrical offsets and drift.
A comparison of float ambient mode vs. float LED mode is
shown in Table 33 and Table 34.
PRECONDITION
LED PULSES
REGISTER 0x5A, BITS[15:12] = 0x9
MASK PULSES 1 AND 4
FLASH PULSES 2 AND 3
ACCUMULATED
CHARGE ON PD
INTEGRATOR
OUTPUT
INTEGRATOR
SEQUENCE
INTEGRATOR
RESET
ADC READ
t = 0
t = 16µs, REGISTER 0x59, BITS[12:8] = 0x10
PRECONDITIONING TIME
t = 26.75µs, REGISTER 0x3B, BITS[10:0] = 0x238
START OF INTEGRATION TIME
t = 30µs, REGISTER 0x35, BITS[7:0] = 0x1E
TIME OF FIRST CHARGE DUMP
MASKED LED PULSE
t = 17µs, REGISTER 0x3F, BITS[7:0] = 0x11
LED PULSE OFFSET
REGISTER 0x3F, BITS[12:8] = 0xC
LED PW = 12µs
REGISTER 0x36, BITS[7:0] = 0x10
FLOAT PERIOD = 16µs
REGISTER 0x3B,
BITS[15:11] = 0x3
INTEGRATION TIME = 3µs
MASKED LED PULSE
REGISTER 0x35, BITS[12:8] = 0x2
CHARGE DUMPTIME = 2µs
FLASH LED
FLASH LED
CONNECT/FLOAT
Figure 55. Example Timing Diagram of Four Pulse Float LED Mode Sequence
Table 33. Float Ambient Mode—Measure Ambient Light Level
Pulse
Float Time
Integrated Charge
Calculation
Result
1
Shorter
Offset, Ambient 1 (shorter time)
Subtract
Ambient Measurement = Ambient 2 – Ambient 1 (Offset Cancels)
2
Longer
Offset, Ambient 1 (shorter time)
Add
3
Not applicable
Not applicable
Not applicable
4
Not applicable
Not applicable
Not applicable
Table 34. Float LED Mode—Measurement Synchronous Reflected Light from LED
Pulse
Float Time
Integrated Charge
Calculation
Result
1
Equal
Offset + Ambient
Subtract
Sync LED Response = Reflected LED Return (Offset and Ambient Cancels
2
Equal
Offset + Ambient + LED
Add
3
Equal
Offset + Ambient + LED
Add
4
Equal
Offset + Ambient
Subtract



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com