Electronic Components Datasheet Search
  English  ▼

X  

RTD2020 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RTD2020
Description  FLAT PANEL DISPLAY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTD2020 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RTD2020 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 2Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RTD2020
2002/11/12
Rev.1.20
4
3. Block Diagram
Video
Decoder
5C
48D
5C
IIC
EEPROM
24.576MHz
Key-In
RTD2020
Flat Panel Display
5C
48D
TCON
48D
5C
TMDS
Receiver
LCD Panel
Row/Column
Driver
TTL Signal
LCD Panel
TMDS/LVDS
LCD Panel
Program ROM
(64KB~128KB)
VS
16D
8D
R/G/B
HS
5C
NTSC
PAL
Rx0~2
RxC
IIC
Application System Block Diagram
Sync
Processor
FIFO
Color
Conversion
Scaling Up
Color
Processing
OSD
MUX
PLL
Onchip
MCU
24.576MHz
Flat Panel Display -- RTD2020
Panel
HS & VS
Analog
RGB
Triple-ADC
Control
Register
Build-In
OSD
Timing
Control
Panel
Driver
Digital
RGB/YUV
Chip Functional Block Diagram
Built-In
OSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com