Electronic Components Datasheet Search
  English  ▼

X  

RTD2020 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RTD2020
Description  FLAT PANEL DISPLAY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTD2020 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RTD2020 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTD2020 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RTD2020
2002/11/12
Rev.1.20
8
5.4 Digital Input
Name
Type
Pin No
Description
AHS
I
158
VGA-port Horizontal Sync
AVS
I
160
VGA-port Vertical Sync
VODD
I
167
Video ODD Signal
BHS
I
168
VGB-port Horizontal Sync
BVS
I
169
VGB-port Vertical Sync
BENA
I
170
VGB-port Input Data Enable
BCLK
I
171
VGB-port Input Clock
BRED/YIN [7:0] /
DVODATA
[11:4] /
VIDEO8
I
172,173
174,175
176,177
178,179
VGB-port Input Data (Red/Y)
BGRN [7:0] /
DVODATA [3:0]
I
181,182
184,185
186,187
188,189
VGB-port Input Data (Green)
BBLU/UVIN
[7:0]
I
190,191
192,193
194,195
196,197
VGB-port Input Data (Blue/UV)
Total: 31 Pins
5.5 Display Port
Name
Type
Pin No
Description
DCLK
O
73
Display clock; / TCON_ECLK
DHS
O
71
Display Horizontal Sync; / TCON_6
DVS
O
70
Display Vertical Sync; / TCON_5
DEN
O
69
Display Data Enable; / TCON_4
DARED [7:0]
O
68, 67, 66
65, 63, 61
59, 58
Display A-port RED Data
DAGRN [7:0]
O
57, 55, 54
53, 52, 51
50, 49
Display A-port GREEN Data
DABLU [7:0]
O
47, 45, 43
42, 40, 39
38, 37
Display A-port BLUE Data
DBRED [7:0]
O
35, 33, 31
30, 28, 26
25, 24
Display B-port RED Data
DBGRN [7:0]
O
23, 22, 21
19, 17, 15
14, 13
Display B-port GREEN Data
DBBLU [7:0]
O
11, 10, 9, 8
7, 5, 3, 2
Display B-port BLUE Data
Total: 52 Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com