Electronic Components Datasheet Search
  English  ▼

X  

ADGS1612 Datasheet(PDF) 20 Page - Analog Devices

Part # ADGS1612
Description  SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1612 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADGS1612 Datasheet HTML 16Page - Analog Devices ADGS1612 Datasheet HTML 17Page - Analog Devices ADGS1612 Datasheet HTML 18Page - Analog Devices ADGS1612 Datasheet HTML 19Page - Analog Devices ADGS1612 Datasheet HTML 20Page - Analog Devices ADGS1612 Datasheet HTML 21Page - Analog Devices ADGS1612 Datasheet HTML 22Page - Analog Devices ADGS1612 Datasheet HTML 23Page - Analog Devices ADGS1612 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ADGS1612
Data Sheet
Rev. 0 | Page 20 of 29
VDD
VDD
VSS
VSS
0.1µF
0.1µF
GND
INPUT LOGIC
RL1
300Ω
CL1
35pF
VS1
S1
D1
VOUT1
VOUT1
VOUT2
RL
300Ω
CL2
35pF
VS2
S2
D2
VOUT2
SCLK
50%
80%
80%
80%
80%
50%
0V
0V
0V
tD
tD
Figure 35. Break-Before-Make Time Delay, tD
VDD
VSS
VDD
VSS
0.1µF
0.1µF
GND
RL
300Ω
CL
35pF
VS
INPUT LOGIC
Sx
Dx
VOUT
SCLK
VOUT
50%
50%
90%
10%
tON
tOFF
Figure 36. Switching Times
VDD
VSS
VDD
VSS
GND
INPUT LOGIC
CL
1nF
SD
VOUT
RS
VS
SYNC
3V
VOUT
∆VOUT
QINJ = CL × ∆VOUT
SWITCH OFF
SWITCH ON
Figure 37. Charge Injection
AC PSRR = 20 log
VOUT
GND
D1
S1
NIC
NETWORK
ANALYZER
NOTES
1. BOARD AND COMPONENT EFFECTS ARE NOT DE-EMBEDDED
FROM THE AC PSRR MEASUREMENT.
RL
50Ω
RL
50Ω
VS
VOUT
VS
VDD
VSS
VSS
INTERNAL
BIAS
Figure 38. AC PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com