Electronic Components Datasheet Search
  English  ▼

X  

UPD16705 Datasheet(PDF) 4 Page - NEC

Part # UPD16705
Description  263/256-OUTPUT TFT-LCD GATE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16705 Datasheet(HTML) 4 Page - NEC

  UPD16705 Datasheet HTML 1Page - NEC UPD16705 Datasheet HTML 2Page - NEC UPD16705 Datasheet HTML 3Page - NEC UPD16705 Datasheet HTML 4Page - NEC UPD16705 Datasheet HTML 5Page - NEC UPD16705 Datasheet HTML 6Page - NEC UPD16705 Datasheet HTML 7Page - NEC UPD16705 Datasheet HTML 8Page - NEC UPD16705 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet S15818EJ1V0DS
4
µµµµPD16705
3. PIN FUNCTIONS
Pin Symbol
Pin Name
I/O
Description
O1 to O263
Driver output
O
These pins output scan signals that drive the vertical direction (gate lines) of a
TFT-LCD. The output signals changes in synchronization with the rising edge of
shift clock CLK. The driver output amplitude is VDD2 to VEE.
R,/L
Shift direction select
input
I
The shift direction control pin of shift resister.
R,/L = H (right shift): STVR
→ O1 → O263 → STVL
R,/L = L or Open (left shift): STVL
→ O263 → O1 → STVR
STVR,
STVL
Start pulse
input/output
I/O
This is the input of the internal shift register. The start pulse is read at the rising
edge of shift clock CLK, and scan signals are output from the driver output pins.
The input level is a VDD1 to VSS (logic level). When in MODE = H, the start pulse is
output at the falling edge of the 263rd clock of shift clock CLK, and is cleared at
the falling edge of the 264th clock. The output level is VDD1 to VSS (logic level).
CLK
Shift clock input
I
This pin inputs a shift clock to the internal shift register. The shift operation is
performed in synchronization with the rising edge of this input.
OE1,
OE2,
OE3
Output enable input
I
When this pin goes high level, the driver output is fixed to VEE level. The shift
register is not cleared. CLK is asynchronous in the clock. Note that the output
terminal, which can be controlled by the enable signal changes, refers to 4.
RELATIONS OF ENABLE INPUT AND OUTPUT TERMINAL.
/AO
All-on control
I
When this pin goes low level, all driver output is fixed to VDD2 level. The shift
register is not cleared. This pin has priority over OE1 to OE3. /AO is pulled up to
VDD1 inside the IC. CLK is asynchronous in the clock.
MODE
Selection of number of
outputs
IMODE = VDD1 or open: 263 outputs
MODE = VSS: 256 outputs (driver output pins O129 to O135 are invalid.)
Input level is VDD1 to VSS (logic level). MODE is pulled up to VDD1 inside the IC.
VDD1
Logic power supply
-
2.3 to 3.6 V
VDD2
Driver positive power
supply
-
15 to 25 V. The driver output: high level
VSS
Logic ground
-
Connect this pin to the ground of the system.
VEE
Negative power
supply for internal
operation
-
–15 to –5 V. The driver output: low level
Cautions 1. To prevent latch-up, turn on power to VDD1, VEE, VDD2, and logic input in this order. Turn off
power in the reverse order. These power up/down sequence must be observed also during
transition period.
2. Insert a capacitor of about 0.1
µµµµF between each power line, as shown below, to secure noise
margin such as VIH and VIL.
VDD2
VDD1
0.1
F
VSS
VEE
µ
0.1
F
µ
0.1
F
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com