Electronic Components Datasheet Search
  English  ▼

X  

4AM17 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 4AM17
Description  Silicon N/P Channel MOS FET High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

4AM17 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  4AM17 Datasheet HTML 1Page - Hitachi Semiconductor 4AM17 Datasheet HTML 2Page - Hitachi Semiconductor 4AM17 Datasheet HTML 3Page - Hitachi Semiconductor 4AM17 Datasheet HTML 4Page - Hitachi Semiconductor 4AM17 Datasheet HTML 5Page - Hitachi Semiconductor 4AM17 Datasheet HTML 6Page - Hitachi Semiconductor 4AM17 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4AM17
4
( P Channel )
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage V
(BR)DSS
–60
—
—
V
I
D = –10 mA, VGS = 0
Gate to source breakdown voltage V
(BR)GSS
±20
——V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16 V, VDS = 0
Zero gate voltage drain current
I
DSS
—
—
–250
µAV
DS = –50 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
–1.0
—
–2.5
V
V
DS = –10 V, I D = –1 mA
Static drain to source on state
R
DS(on)
—
0.15
0.2
Ω
I
D = –4 A, VGS = –10 V
Note3
resistance
R
DS(on)
—
0.2
0.27
Ω
I
D = –4 A, VGS = –4 V
Note3
Forward transfer admittance
|y
fs|
3.5
6.0
—
S
I
D = –4 A, VDS = –10 V
Note3
Input capacitance
Ciss
—
17
—
pF
V
DS = –10 V
Output capacitance
Coss
—
460
—
pF
V
GS = 0
Reverse transfer capacitance
Crss
—
1.2
—
pF
f = 1 MHz
Gate series resistance
Rg
—
3.2
—
k
Ω
V
DS = 0, VGS = 0 f = 1 MHz
Turn-on delay time
t
d(on)
—
0.6
—
ns
V
GS = –10 V, ID = –4 A
Rise time
t
r
—
2.1
—
ns
R
L = 7.5 Ω
Turn-off delay time
t
d(off)
—12
—
ns
Fall time
t
f
—
5.8
—
ns
Body–drain diode forward voltage
V
DF
—
–1.2
—
V
I
F = –8 A, VGS = 0
Body–drain diode reverse
recovery time
t
rr
—
2.5
—
ns
I
F = –8 A, VGS = 0
diF/ dt = 50 A/
µs
Note:
3.
Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com