Electronic Components Datasheet Search
  English  ▼

X  

KMP-4-F Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # KMP-4-F
Description  Final Control Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KMP-4-F Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  KMP-4-F Datasheet HTML 1Page - M-System Co.,Ltd. KMP-4-F Datasheet HTML 2Page - M-System Co.,Ltd. KMP-4-F Datasheet HTML 3Page - M-System Co.,Ltd. KMP-4-F Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: KMP
KMP SPECIFICATIONS
ES-3630 Rev.3 Page 1/4
http://www.m-system.co.jp/
Final Control Elements
VALVE POSITIONER
(for 24 V AC motor)
Functions & Features
• Solid-state valve positioner
• Direct drive of 24 V AC motor
• Split control
• Direct or reverse action
• Output circuit designed with no mechanical contact
ensures long lasting reliability
• Feedback potentiometer 100 Ω – 10 kΩ
Typical Applications
• Proportional position control for electric valves or dampers
in air conditioning systems
50
(1.97)
132
(5.20)
80
(3.15)
mm (inch)
MODEL: KMP–[1]–[2][3]
ORDERING INFORMATION
· Code number: KMP-[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. KMP-1-B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] I/O CHARACTERISTICS
Current
1: 4 – 20 mA DC (Input resistance 62.5 Ω)
2: 4 – 20 mA DC (Input resistance 62.5 Ω)
3: 4 – 12 mA DC (Input resistance 62.5 Ω)
4: 12 – 20 mA DC (Input resistance 62.5 Ω)
Voltage
V1: 0 – 10 V DC (Input resistance 10 kΩ min.)
See the graph on the General Specification section.
FEEDBACK RESISTANCE
Total resistance 100 Ω – 10 kΩ
OUTPUT
24 V AC switch
[2] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Sensitivity adjustment: 0 – 20 % of total feedback resistance
at 0 % side; 70 – 100 % at 100 % side (front)
Deadband adjustment: 2 – 20 % (front)
Isolation: Input to output to power
12
20mA
4
100%
0
SETPOINT
→
1, 2, 3, 4 and V1 in the graph are I/O characteristics model suffix codes.
1
4
2
3
• Setpoint Signal and position characteristics
10V
0
0
V1
100%
SETPOINT
→


Similar Part No. - KMP-4-F

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
KMP-1600 MURATA-PS-KMP-1600 Datasheet
393Kb / 2P
Quad Data-bus Isolators
KMP-1605 MURATA-PS-KMP-1605 Datasheet
371Kb / 2P
Lan-Pak for CSMA/CD Systems
logo
Murata Manufacturing Co...
KMP-2700 MURATA-KMP-2700 Datasheet
141Kb / 3P
Surface Mount Power Inductors
logo
Murata Power Solutions ...
KMP-5600 MURATA-PS-KMP-5600 Datasheet
101Kb / 2P
10A Current Sensing Transformers
KMP-78250J MURATA-PS-KMP-78250J Datasheet
406Kb / 3P
MAX250/MAX251 Compatible Converter SM Transformers
More results

Similar Description - KMP-4-F

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEX-P MSYSTEM-MEX-P Datasheet
121Kb / 3P
Final Control Elements
MEXL MSYSTEM-MEXL Datasheet
133Kb / 4P
Final Control Elements
MEX-F MSYSTEM-MEX-F Datasheet
153Kb / 5P
Final Control Elements
MEX-E MSYSTEM-MEX-E Datasheet
110Kb / 3P
Final Control Elements
MEX-C MSYSTEM-MEX-C Datasheet
111Kb / 3P
Final Control Elements
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
Final Control Elements
MEXE MSYSTEM-MEXE Datasheet
110Kb / 3P
Final Control Elements
MEXD MSYSTEM-MEXD Datasheet
112Kb / 3P
Final Control Elements
MRP5D MSYSTEM-MRP5D Datasheet
160Kb / 5P
Final Control Elements
MRP4C MSYSTEM-MRP4C Datasheet
138Kb / 4P
Final Control Elements
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com