Electronic Components Datasheet Search
  English  ▼

X  

KMP-4-F Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # KMP-4-F
Description  Final Control Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KMP-4-F Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  KMP-4-F Datasheet HTML 1Page - M-System Co.,Ltd. KMP-4-F Datasheet HTML 2Page - M-System Co.,Ltd. KMP-4-F Datasheet HTML 3Page - M-System Co.,Ltd. KMP-4-F Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: KMP
KMP SPECIFICATIONS
ES-3630 Rev.3 Page 2/4
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
■ Setpoint Signal
Input resistance:Input resistor incorporated (current input)
■ Feedback Potentiometer: 100 Ω – 10 kΩ
Minimum span: 50 % of total resistance
Excitation: 0.5 V DC
OUTPUT SPECIFICATIONS
Rated load: 24 V AC @ 1 A max.
Voltage drop: 6 V @ 1 A
(OFF duration must be longer than ON duration. ON duration
at the maximum of 15 minutes.)
•Output Operation (terminal No. in parentheses)
(1-3)ON to min.
(2-3)ON to max.
Deviation
(Setpoint) – (Feedback)
+
–
0
Deadband
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. ≤ 4 VA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.3 %
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @1 minute
(input to output to power)
2000 V AC @1 minute
(input or output or power to ground)
EXTERNAL VIEW
■ KMP–1, 2, V1
■ KMP–3, 4
100% Adj.
0% Adj.
Deadband Adj.
Split Adj.
100% Adj.
Deadband Adj.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com