Electronic Components Datasheet Search
  English  ▼

X  

INA234 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA234
Description  INA234 28-V, 12-Bit, Current, Voltage, and Power Monitor with an I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA234 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA234 Datasheet HTML 16Page - Texas Instruments INA234 Datasheet HTML 17Page - Texas Instruments INA234 Datasheet HTML 18Page - Texas Instruments INA234 Datasheet HTML 19Page - Texas Instruments INA234 Datasheet HTML 20Page - Texas Instruments INA234 Datasheet HTML 21Page - Texas Instruments INA234 Datasheet HTML 22Page - Texas Instruments INA234 Datasheet HTML 23Page - Texas Instruments INA234 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
The RSHUNT term is the resistance value of the external shunt used to develop the differential voltage across the
IN+ and IN– pins. Use Equation 1 for ADCRANGE = 0. For ADCRANGE = 1, the value of SHUNT_CAL must be
divided by 4.
SHUNT_CAL =
0.08192
Current_LSB × RSHUNT
(1)
where
• 0.08192 is an internal fixed value used to ensure scaling is maintained properly.
• CURRENT_LSB is a selected value for the current step size in amperes. Must be greater than or equal to
CURRENT_LSB (minimum), but less than 8 x CURRENT_LSB(minimum) to reduce resolution loss.
• The value of SHUNT_CAL must be divided by 4 for ADCRANGE = 1.
(2)
Note that the current is calculated following a shunt voltage measurement based on the value set in the
SHUNT_CAL register. If the value loaded into the SHUNT_CAL register is zero, the current value reported
through the CURRENT register is also zero.
After programming the SHUNT_CAL register with the calculated value, the measured current in Amperes can be
read from the CURRENT register. The final value is scaled by CURRENT_LSB and calculated in Equation 3:
Current [A] = CURRENT_LSB x CURRENT
(3)
where
• CURRENT is the value read from the CURRENT register
The power value can be read from the POWER register as a 16-bit value and converted to Watts by using
Equation 4:
Power [W] = 32 x CURRENT_LSB x POWER
(4)
where
• POWER is the value read from the POWER register.
• CURRENT_LSB is selected value for the lsb size of the current calculation used in Equation 1.
For a design example using these equations refer to Detailed Design Procedure.
8.1.3 ADC Output Data Rate and Noise Performance
The INA234 noise performance and effective resolution depend on the ADC conversion time. The device
also supports digital averaging which can further help decrease digital noise. The flexibility of the device to
select ADC conversion time and data averaging offers increased signal-to-noise ratio and achieves the highest
dynamic range with lowest offset. The profile of the noise at lower signals levels is dominated by the system
noise that is comprised mainly of 1/f noise or white noise. The effective resolution of the ADC can be increased
by increasing the conversion time and increasing the number of averages.
8.1.4 Filtering and Input Considerations
Measuring current is often noisy and such noise can be difficult to define. The INA234 offers several options
for filtering by allowing the conversion times and number of averages to be selected independently in the
INA234
SBOS844 – MAY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com