Electronic Components Datasheet Search
  English  ▼

X  

INA234 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # INA234
Description  INA234 28-V, 12-Bit, Current, Voltage, and Power Monitor with an I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA234 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA234 Datasheet HTML 19Page - Texas Instruments INA234 Datasheet HTML 20Page - Texas Instruments INA234 Datasheet HTML 21Page - Texas Instruments INA234 Datasheet HTML 22Page - Texas Instruments INA234 Datasheet HTML 23Page - Texas Instruments INA234 Datasheet HTML 24Page - Texas Instruments INA234 Datasheet HTML 25Page - Texas Instruments INA234 Datasheet HTML 26Page - Texas Instruments INA234 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
8.2.2.2 Configure the Device
The first step to program the INA234 is to properly set the device Configuration register (0h). On initial power
up the configuration register is set to the reset values as shown in Table 7-4. In the default power on state the
device is set to measured on the ±81.92 mV range with the ADC continuously converting the shunt and bus
(voltage at IN-) voltages. If the default power up conditions do not meet the design requirements, these registers
will need to be set properly after each VS power cycle event.
8.2.2.3 Program the Shunt Calibration Register
The shunt calibration register needs to be correctly programmed at each VS power up in order for the device to
properly report any result based on current. The first step is to calculate the minimum LSB value for the current
by using Equation 2. Applying this equation with the maximum expected current of 10 A results in an minimum
LSB size of 4.8828125 mA. The INA234 allows selection of the CURRENT_LSB to be up to 8 x larger than the
minimum LSB size. For this example a value of 5 mA is used. Applying Equation 1 to the Current_LSB and
selected value for the shunt resistor results in a shunt calibration register setting of 2048d (800h). Failure to set
the value of the shunt calibration register will result in a zero value for any result based on current. Programming
this register is not required for reading shunt voltage, bus voltage, or setting alert limits.
8.2.2.4 Set Desired Fault Thresholds
The INA234 has the ability to assert the Alert pin on several different fault conditions as described in ALERT
Pin. The desired fault condition to assert the Alert pin needs to be selected by appropriately programming the
Mask/Enable Register (6h). Fault thresholds are set by programming the desired trip threshold into the Alert
Limit Register (7h).
For example, an over current fault condition would be selected by setting the SOL bit in the Mask/Enable
Register to 1. The desired threshold for the over current condition would have to be programmed in the Alert
Limit Register. In this example, the over current threshold is 9.0 A and the value of the current sense resistor is
8.0 mΩ, which give a shunt voltage limit of 72 mV. Once the shunt voltage limit is known, the value for the shunt
over voltage limit register is calculated by dividing the shunt voltage limit by the shunt voltage LSB size.
For this case, the calculated value of the alert limit register is 72 mV / 40 μV = 1800d (708). Since the bottom 4
bits of the shunt register are reserved the value programmed into the fault register must be left shifted by 4 or
multiplied by 16. This results in a final alert limit register value of 28800 (7080h)
Values stored in the alert limit register are set to the default values after VS power cycle events and need to be
reprogrammed each time power is applied.
8.2.2.5 Calculate Returned Values
Table 8-3 below shows the register values assuming the design requirements shown in Table 8-2. User
programmed values for the Configuration, Calibration, Mask/Enable and Alert limit registers are shown, as well
as, the returned values for shunt voltage, current, bus voltage and power. Parametric values are calculated by
multiplying the returned value by the LSB value.
Returned values for shunt voltage, current, and bus voltage need to be right shifted by 4, or divided by 16 to the
correct 12-bit value before multiplying by the LSB value. The shifting is needed because the bottom 4 bits in the
returned values are reserved and are always 0.
Table 8-3. Register Values
Register Name
Contents
Right Shifted 12 -
bit Value
LSB Value
Calculated Value
Configuration (0h)
16679d (4127h)
—
—
—
Calibration (5h)
2048d (800h)
—
—
—
Mask/Enable (6h)
32768 (8000h)
—
—
—
Alert Limit (7h)
28800d (7080h)
1800d (708h)
40 μV/LSB
1800 × 40 μV = 0.072 V
Shunt Voltage (1h)
19200d (4B00h)
1200d (4B0h)
40 µV/LSB
1200 × 40 µV = 0.048 V
Bus Voltage (2h)
7500d (1D4Ch)
468d (1D4h)
25.6 mV/LSB
468 × 25.6 mV = 11.98 V
Current (4h)
19200d (4B00h)
1200d (4B0h)
5 mA/LSB
1200 × 5 mA = 6 A
www.ti.com
INA234
SBOS844 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com